Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX877RTR Datasheet(PDF) 5 Page - Clare, Inc.

Part # MX877RTR
Description  8-Channel, 60V Driver with Push-Pull Output, 3 Wire Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

MX877RTR Datasheet(HTML) 5 Page - Clare, Inc.

  MX877RTR Datasheet HTML 1Page - Clare, Inc. MX877RTR Datasheet HTML 2Page - Clare, Inc. MX877RTR Datasheet HTML 3Page - Clare, Inc. MX877RTR Datasheet HTML 4Page - Clare, Inc. MX877RTR Datasheet HTML 5Page - Clare, Inc. MX877RTR Datasheet HTML 6Page - Clare, Inc. MX877RTR Datasheet HTML 7Page - Clare, Inc. MX877RTR Datasheet HTML 8Page - Clare, Inc. MX877RTR Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MX877
July 29, 2011
www.clare.com
5
1.5 Dynamic Electrical Characteristics
VCC=5V, VPWR=42V, TA=25°C, unless otherwise specified.
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Units
SCK Period
-
-
100
-
DC
ns
SCK High Time
-
-
40
-
-
ns
SCK Low Time
-
-
40
-
-
ns
CS* High Time
-
tCSwh
50
-
-
ns
CS* Falling to SCK Rising
Setup Time
tCSs
150
-
-
ns
CS* Low Time
SCK Low (Parallel Input Mode)
tCSwl
150
-
-
ns
INx to CS Falling (SETUP TIME)
-tINs
15
-
-
ns
INx to CS Falling (HOLD TIME)
-tINh
30
-
-
ns
SDI to SCK Rising (SETUP TIME)
-
tSDIs
20
-
-
ns
SDI to SCK Rising (HOLD TIME)
-
tSDIh
25
-
-
ns
SCK Falling to to SDO Data Valid
-tSDO
-
10
-
ns
CS* Rising to SDO High Z
-tSDOz
-
12
-
ns
CS* Rising to OUTx Rising
To 50%, C(OUTx)=1000pF
tOUTr
-
750
-
ns
CS* Rising to OUTx Falling
To 50%, C(OUTx)=1000pF
tOUTf
-
570
-
ns
OUTx Rise Time
From 10% to 90%, C(OUTx)=1000pF
-
-
110
-
ns
OUTx Fall Time
From 10% to 90%, C(OUTx)=1000pF
-
-
75
-
ns
OE Rising to OUTx Rising
To 90%
-
-
580
-
ns
OE Rising to OUTx Falling
To 90%
-
-
390
-
ns
OE Falling to OUTx High Z
To 10%, OUTx High
-
-
130
-
ns
To 10%, OUTx Low
-
-
90
-
ns


Similar Part No. - MX877RTR

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MX877 IXYS-MX877 Datasheet
199Kb / 10P
   8-Channel, 60V Relay/Load Driver Push-Pull Output, 3 Wire Interface
MX8771 IXYS-MX8771 Datasheet
192Kb / 6P
   16-Channel, 60V Driver Push-Pull Output, I2C Interface
MX8771R IXYS-MX8771R Datasheet
192Kb / 6P
   16-Channel, 60V Driver Push-Pull Output, I2C Interface
MX8771RTR IXYS-MX8771RTR Datasheet
192Kb / 6P
   16-Channel, 60V Driver Push-Pull Output, I2C Interface
More results

Similar Description - MX877RTR

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MX877 IXYS-MX877 Datasheet
199Kb / 10P
   8-Channel, 60V Relay/Load Driver Push-Pull Output, 3 Wire Interface
MX8771 IXYS-MX8771 Datasheet
192Kb / 6P
   16-Channel, 60V Driver Push-Pull Output, I2C Interface
logo
Clare, Inc.
MX879 CLARE-MX879 Datasheet
607Kb / 11P
   8-Channel, 60V Driver with Open-Drain Output, 3 Wire Interface
logo
IXYS Corporation
MX878 IXYS-MX878 Datasheet
200Kb / 10P
   8-Channel, 60V Relay/Load Driver Open Drain Output, 3 Wire Interface
MX879 IXYS-MX879 Datasheet
200Kb / 10P
   8-Channel, 60V Relay/Load Driver Open Drain Output, 3 Wire Interface
logo
STMicroelectronics
L293D STMICROELECTRONICS-L293D_03 Datasheet
865Kb / 7P
   PUSH-PULL FOUR CHANNEL DRIVER WITH DIODES
L293D STMICROELECTRONICS-L293D Datasheet
80Kb / 7P
   PUSH-PULL FOUR CHANNEL DRIVER WITH DIODES
L2293Q STMICROELECTRONICS-L2293Q Datasheet
278Kb / 12P
   Push-pull four channel driver with diodes
L293DD013TR STMICROELECTRONICS-L293DD013TR Datasheet
862Kb / 7P
   PUSH-PULL FOUR CHANNEL DRIVER WITH DIODES
July 2003
L2293QTR STMICROELECTRONICS-L2293QTR Datasheet
281Kb / 13P
   Push-pull four channel driver with diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com