Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXDD614SI Datasheet(PDF) 6 Page - Clare, Inc.

Part # IXDD614SI
Description  14-Ampere Low-Side Ultrafast MOSFET Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

IXDD614SI Datasheet(HTML) 6 Page - Clare, Inc.

Back Button IXDD614SI Datasheet HTML 2Page - Clare, Inc. IXDD614SI Datasheet HTML 3Page - Clare, Inc. IXDD614SI Datasheet HTML 4Page - Clare, Inc. IXDD614SI Datasheet HTML 5Page - Clare, Inc. IXDD614SI Datasheet HTML 6Page - Clare, Inc. IXDD614SI Datasheet HTML 7Page - Clare, Inc. IXDD614SI Datasheet HTML 8Page - Clare, Inc. IXDD614SI Datasheet HTML 9Page - Clare, Inc. IXDD614SI Datasheet HTML 10Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
IXD_614
6
www.clare.com
R02
2
Performance
2.1 Timing Diagrams
2.2 Characteristics Test Diagram
10%
90%
t
ONDELAY
t
OFFDELAY
t
R
t
F
V
IH
V
IL
IN
OUT
10%
90%
t
ONDELAY
t
OFFDELAY
t
F
t
R
V
IH
V
IL
IN
OUT
EN
IN
OUT
GND
V
CC
V
CC
+
-
V
IN
0.1
μF10μF
Tektronix
Current Probe
6302
C
LOAD
V
CC


Similar Part No. - IXDD614SI

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDD614SI IXYS-IXDD614SI Datasheet
260Kb / 12P
   AEC Q100 Qualified
IXDD614SI IXYS-IXDD614SI Datasheet
310Kb / 14P
   14A Peak Source/Sink Drive Current
IXDD614SITR IXYS-IXDD614SITR Datasheet
260Kb / 12P
   AEC Q100 Qualified
IXDD614SITR IXYS-IXDD614SITR Datasheet
310Kb / 14P
   14A Peak Source/Sink Drive Current
More results

Similar Description - IXDD614SI

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDI414 IXYS-IXDI414 Datasheet
241Kb / 10P
   14 Ampere Low-Side Ultrafast MOSFET Drivers
IXDN514SIA IXYS-IXDN514SIA Datasheet
385Kb / 12P
   14 Ampere Low-Side Ultrafast MOSFET Drivers
logo
Clare, Inc.
IXD_630 CLARE-IXD_630 Datasheet
1Mb / 12P
   30-Ampere Low-Side Ultrafast MOSFET Drivers
logo
IXYS Corporation
IXDI509 IXYS-IXDI509 Datasheet
354Kb / 12P
   9 Ampere Low-Side Ultrafast MOSFET Drivers
logo
Clare, Inc.
IXD_609 CLARE-IXD_609 Datasheet
1Mb / 14P
   9-Ampere Low-Side Ultrafast MOSFET Drivers
logo
IXYS Corporation
IXDN402PI IXYS-IXDN402PI Datasheet
221Kb / 10P
   2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN404 IXYS-IXDN404_04 Datasheet
760Kb / 11P
   4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
logo
Clare, Inc.
IXD_602 CLARE-IXD_602 Datasheet
1Mb / 13P
   2-Ampere Dual Low-Side Ultrafast MOSFET Drivers
logo
IXYS Corporation
IXDF502 IXYS-IXDF502 Datasheet
409Kb / 12P
   2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDR502 IXYS-IXDR502 Datasheet
216Kb / 11P
   2 Ampere Single Low-Side Ultrafast MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com