Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IX2127N Datasheet(PDF) 10 Page - Clare, Inc.

Part # IX2127N
Description  High-Voltage Power MOSFET & IGBT Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

IX2127N Datasheet(HTML) 10 Page - Clare, Inc.

Back Button IX2127N Datasheet HTML 4Page - Clare, Inc. IX2127N Datasheet HTML 5Page - Clare, Inc. IX2127N Datasheet HTML 6Page - Clare, Inc. IX2127N Datasheet HTML 7Page - Clare, Inc. IX2127N Datasheet HTML 8Page - Clare, Inc. IX2127N Datasheet HTML 9Page - Clare, Inc. IX2127N Datasheet HTML 10Page - Clare, Inc. IX2127N Datasheet HTML 11Page - Clare, Inc. IX2127N Datasheet HTML 12Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
IX2127
10
www.clare.com
R02
3
Manufacturing Information
3.1 Moisture Sensitivity
All plastic encapsulated semiconductor packages are susceptible to moisture ingression. Clare classified
all of its plastic encapsulated devices for moisture sensitivity according to the latest version of the joint
industry standard, IPC/JEDEC J-STD-020, in force at the time of product evaluation. We test all of our
products to the maximum conditions set forth in the standard, and guarantee proper operation of our
devices when handled according to the limitations and information in that standard as well as to any limitations set
forth in the information or standards referenced below.
Failure to adhere to the warnings or limitations as established by the listed specifications could result in reduced
product performance, reduction of operable life, and/or reduction of overall reliability.
This product carries a Moisture Sensitivity Level (MSL) rating as shown below, and should be handled according to
the requirements of the latest version of the joint industry standard IPC/JEDEC J-STD-033.
3.2 ESD Sensitivity
This product is ESD Sensitive, and should be handled according to the industry standard
JESD-625.
3.3 Reflow Profile
This product has a maximum body temperature and time rating as shown below. All other guidelines of
J-STD-020 must be observed.
3.4 Board Wash
Clare recommends the use of no-clean flux formulations. However, board washing to remove flux residue is
acceptable, and the use of a short drying bake may be necessary. Chlorine-based or Fluorine-based solvents or
fluxes should not be used. Cleaning methods that employ ultrasonic energy should not be used.
Device
Moisture Sensitivity Level (MSL) Rating
IX2127G / IX2127N
MSL 1
Device
Maximum Temperature x Time
IX2127G
250°C for 30 seconds
IX2127N
260°C for 30 seconds
RoHS
2002/95/EC
e3
Pb


Similar Part No. - IX2127N

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
IX2127N CLARE-IX2127N Datasheet
1Mb / 11P
   High-Voltage Power MOSFET & IGBT Driver
logo
IXYS Corporation
IX2127N IXYS-IX2127N Datasheet
291Kb / 13P
   Power MOSFET & IGBT Driver
logo
Clare, Inc.
IX2127NTR CLARE-IX2127NTR Datasheet
1Mb / 11P
   High-Voltage Power MOSFET & IGBT Driver
logo
IXYS Corporation
IX2127NTR IXYS-IX2127NTR Datasheet
291Kb / 13P
   Power MOSFET & IGBT Driver
More results

Similar Description - IX2127N

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
IX2127 CLARE-IX2127 Datasheet
1Mb / 11P
   High-Voltage Power MOSFET & IGBT Driver
logo
International Rectifier
IR2105 IRF-IR2105 Datasheet
134Kb / 12P
   High Voltage, High Speed Power MOSFET and IGBT Driver
logo
AiT Semiconductor Inc.
AG2136 AITSEMI-AG2136 Datasheet
834Kb / 13P
   MOSFET/IGBT GATE DRIVER 3-PHASE HIGH VOLTAGE DRIVER
REV2.0
logo
IXYS Corporation
IX2127 IXYS-IX2127 Datasheet
291Kb / 13P
   Power MOSFET & IGBT Driver
logo
Semikron International
SKHI10-17 SEMIKRON-SKHI10-17 Datasheet
74Kb / 1P
   High Power IGBT Driver
SKHI10 SEMIKRON-SKHI10_06 Datasheet
74Kb / 1P
   High Power IGBT Driver
SKHI10 SEMIKRON-SKHI10_05 Datasheet
74Kb / 1P
   High Power IGBT Driver
SKHI10 SEMIKRON-SKHI10 Datasheet
227Kb / 8P
   High Power IGBT Driver
logo
List of Unclassifed Man...
1SD210FI-FZ600R65KF1 ETC2-1SD210FI-FZ600R65KF1 Datasheet
127Kb / 6P
   SCALE High Voltage IGBT Driver
1SD210FI-FX200R65KF1 ETC2-1SD210FI-FX200R65KF1 Datasheet
128Kb / 6P
   SCALE High Voltage IGBT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com