Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPC7556N Datasheet(PDF) 3 Page - Clare, Inc.

Part # CPC7556N
Description  Diode Bridge with Integrated Adjustable OVP Circuit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7556N Datasheet(HTML) 3 Page - Clare, Inc.

  CPC7556N Datasheet HTML 1Page - Clare, Inc. CPC7556N Datasheet HTML 2Page - Clare, Inc. CPC7556N Datasheet HTML 3Page - Clare, Inc. CPC7556N Datasheet HTML 4Page - Clare, Inc. CPC7556N Datasheet HTML 5Page - Clare, Inc. CPC7556N Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.clare.com
R02
CPC7556
1.4 Recommended Operating Conditions
1.5 General Conditions
Typical values are characteristic of the device at 25
C
and are the result of engineering evaluations. They are
provided for information purposes only and are not
part of the manufacturing testing requirements.
Unless otherwise noted, all electrical specifications
are listed for TA=25C.
1.6 DC Electrical Characteristics
Parameter
Symbol
Minimum
Maximum
Units
Diode Forward Current (Average)
IF
-
240
mArms
Reverse Voltage
VR
-
100
V
Operating Temperature Range
TA
-40
+125
C
Thermal Impedance
JA
120
-
C/W
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Units
Diode Bridge Characteristics:
Forward Current
-
IF
-
-
240
mArms
Diode Forward Voltage Drop
IF = 40mA
VF
0.83
0.91
0.97
V
IF = 250mA
1
1.3
1.49
Reverse Voltage Leakage Current
VR = 100V
IR
--
1
A
Thyrister Characteristics:
Gate Trigger Current
V+/ = VAK = 10V,
IAK = 110mA
IGT
0.5
1.2
1.8
mA
Gate Trigger Voltage
VGK
2.5
2.8
3.2
V
Trigger Current
-
IAKT
-25
40
mA
Hold Current
-
IH
70
100
-
mA
Peak Off State Voltage
VGK = 0V, IAK = 5 uA
VDRM
110
-
-
V


Similar Part No. - CPC7556N

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC7556N IXYS-CPC7556N Datasheet
162Kb / 6P
   Monolithic Construction
CPC7556NTR IXYS-CPC7556NTR Datasheet
162Kb / 6P
   Monolithic Construction
More results

Similar Description - CPC7556N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NIS1050 ONSEMI-NIS1050 Datasheet
119Kb / 5P
   Protection Interface Circuit for PMICs with Integrated OVP Control
July, 2009 ??Rev. 0
logo
NTE Electronics
NTE7196 NTE-NTE7196 Datasheet
56Kb / 3P
   Integrated Circuit H-Bridge with Motor Control
logo
SHANGHAI BELLING CO., L...
BL8596 BELLING-BL8596 Datasheet
578Kb / 4P
   LDO mode OVP with Integrated P-MOSFET
logo
NTE Electronics
NTE999 NTE-NTE999 Datasheet
22Kb / 2P
   Integrated Circuit Adjustable Precision Shunt Regulator
logo
Richtek Technology Corp...
DS9746 RICHTEK-DS9746 Datasheet
186Kb / 10P
   VBUS OVP with a PTVS Diode
RT9746 RICHTEK-RT9746 Datasheet
186Kb / 10P
   VBUS OVP with a PTVS Diode
logo
ON Semiconductor
FPF2498 ONSEMI-FPF2498 Datasheet
583Kb / 10P
   Adjustable OVP Input OVT Load Switch
February 2015 Rev. 1.11
logo
Diodes Incorporated
AP9050 DIODES-AP9050 Datasheet
168Kb / 9P
   PROTECTION INTERFACE for PMICs with INTEGRATED OVP CONTROL
logo
Maxim Integrated Produc...
MAX20342 MAXIM-MAX20342 Datasheet
1Mb / 91P
   USB Type-C Charger Detector with Integrated OVP
Rev 1; 11/20
logo
NTE Electronics
NTE907 NTE-NTE907 Datasheet
27Kb / 3P
   Integrated Circuit Diode Array
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com