Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPC1945G Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC1945G
Description  AC Solid State Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1945G Datasheet(HTML) 1 Page - Clare, Inc.

  CPC1945G_11 Datasheet HTML 1Page - Clare, Inc. CPC1945G_11 Datasheet HTML 2Page - Clare, Inc. CPC1945G_11 Datasheet HTML 3Page - Clare, Inc. CPC1945G_11 Datasheet HTML 4Page - Clare, Inc. CPC1945G_11 Datasheet HTML 5Page - Clare, Inc. CPC1945G_11 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.clare.com
DS-CPC1945G-R05
1
CPC1945G
AC Solid State Relay
RoHS
2002/95/EC
e3
Pb
Part #
Description
CPC1945G
4-Pin (16-Pin Body) DIP (25/Tube)
Parameter
Rating
Units
AC Operating Voltage
120
V
rms
Load Current
1
A
rms
On State Voltage Drop
1.6
V
rms (at IL = 1Arms)
Applications
Features
Description
Ordering Information
Pin Configuration
Programmable Control
Process Control
Power Control Panels
Remote Switching
Gas Pump Electronics
Contactors
Large Relays
Solenoids
Motors
Heaters
Load Current up to 1A
rms
400V
P Blocking Voltage
5mA Sensitivity
Zero-Crossing Detection
DC Control, AC Output
Optically Isolated
TTL and CMOS Compatible
Low EMI and RFI Generation
High Noise Immunity
Machine Insertable, Wave Solderable
Flammability classification rating of V-0
The CPC1945G is an AC Solid State Relay (SSR)
using patented waveguide coupling with dual power
SCR outputs to produce an alternative to optocoupler
and Triac circuits. The switches are robust enough to
provide a blocking voltage of up to 400V
P . In addition,
tightly controlled zero-cross circuitry ensures switching
of AC loads without the generation of transients.
The input and output circuits are optically coupled
to provide 3750V
rms of isolation and noise immunity
between control and load circuits. As a result, the
CPC1945G is well suited for industrial environments
where electromagnetic interference could disrupt the
operation of electromechanical relays.
Approvals
UL Recognized Component: File E69938
CSA Certified Component: Certificate 1172007
16
1
10
+ LED
AC Load
– LED
AC Load
8
ZC


Similar Part No. - CPC1945G_11

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1945G CLARE-CPC1945G_1 Datasheet
93Kb / 4P
   AC Solid State Relay
More results

Similar Description - CPC1945G_11

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
STR8043 SSOUSA-STR8043 Datasheet
374Kb / 8P
   AC Solid State Relay
logo
Willow Technologies Ltd
SERIESCA WILLOW-SERIESCA Datasheet
182Kb / 4P
   AC Solid-State Relay
logo
celduc-relais
STA07220 CELDUC-STA07220 Datasheet
79Kb / 2P
   AC Solid State Relay
logo
List of Unclassifed Man...
JC202PC2 ETC1-JC202PC2 Datasheet
66Kb / 4P
   AC Solid State Relay
logo
Sensitron
SCP-5285 SENSITRON-SCP-5285 Datasheet
55Kb / 3P
   AC SOLID STATE RELAY
logo
Clare, Inc.
CPC1945Y CLARE-CPC1945Y_1 Datasheet
92Kb / 4P
   AC Solid State Relay
CPC1945Y CLARE-CPC1945Y Datasheet
122Kb / 4P
   AC Solid State Relay
CPC1965G CLARE-CPC1965G Datasheet
121Kb / 4P
   AC Solid State Relay
logo
celduc-relais
SPA07420 CELDUC-SPA07420 Datasheet
78Kb / 2P
   AC Solid State Relay
logo
Clare, Inc.
CPC1945G CLARE-CPC1945G_1 Datasheet
93Kb / 4P
   AC Solid State Relay
CPC1965G CLARE-CPC1965G_1 Datasheet
93Kb / 4P
   AC Solid State Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com