Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LST776 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # LST776
Description  Hyper TOPLED RG Hyper-Bright LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LST776 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  LST776 Datasheet HTML 1Page - Siemens Semiconductor Group LST776 Datasheet HTML 2Page - Siemens Semiconductor Group LST776 Datasheet HTML 3Page - Siemens Semiconductor Group LST776 Datasheet HTML 4Page - Siemens Semiconductor Group LST776 Datasheet HTML 5Page - Siemens Semiconductor Group LST776 Datasheet HTML 6Page - Siemens Semiconductor Group LST776 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Semiconductor Group
1
11.96
Besondere Merkmale
q
Gehäusefarbe: weiß
q
als optischer Indikator einsetzbar
q
zur Hinterleuchtung, Lichtleiter- und Linseneinkopplung
q
für alle SMT-Bestück- und Löttechniken geeignet
q
gegurtet (12-mm-Filmgurt)
Features
q
color of package: white
q
for use as optical indicator
q
for backlighting, optical coupling into light pipes and lenses
q
suitable for all SMT assembly and soldering methods
q
available taped on reel (12 mm tape)
Hyper TOPLED® RG
Hyper-Bright LED
LS T776, LA T776, LO T776
LY T776


Similar Part No. - LST776

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LST776 OSRAM-LST776 Datasheet
434Kb / 19P
   TOPLED RG
logo
ams AG
LST776 AMSCO-LST776 Datasheet
1Mb / 22P
   TOPLED® Reverse Gullwing
Version 1.2 2019-07-15
logo
OSRAM GmbH
LST776-P2S1-1 OSRAM-LST776-P2S1-1 Datasheet
434Kb / 19P
   TOPLED RG
logo
ams AG
LST776-P2S1-1 AMSCO-LST776-P2S1-1 Datasheet
1Mb / 22P
   TOPLED® Reverse Gullwing
Version 1.2 2019-07-15
logo
HK TO-GRACE TECHNOLOGY ...
LST776-Q1R2 TO-GRACE-LST776-Q1R2 Datasheet
1,023Kb / 8P
   Reverse Gullwing SMD LED Red
More results

Similar Description - LST776

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSM776 SIEMENS-LSM776 Datasheet
340Kb / 7P
   Hyper Mini TOPLED RG Hyper-Bright LED
LST676 SIEMENS-LST676 Datasheet
350Kb / 7P
   Hyper TOPLED Hyper-Bright LED
logo
OSRAM GmbH
LBT673 OSRAM-LBT673 Datasheet
188Kb / 15P
   HYPER TOPLED, HYPER BRIGHT LED
LWT673 OSRAM-LWT673 Datasheet
123Kb / 14P
   Hyper TOPLED White Hyper-Bright LED
LATBT686 OSRAM-LATBT686 Datasheet
239Kb / 17P
   Hyper Multi TOPLED Hyper-Bright LED
logo
Siemens Semiconductor G...
LSM676 SIEMENS-LSM676 Datasheet
87Kb / 7P
   Hyper Mini TOPLED Hyper-Bright LED
LSYT676 SIEMENS-LSYT676 Datasheet
292Kb / 6P
   Hyper Multi TOPLED Hyper-Bright LED
logo
OSRAM GmbH
LBT676 OSRAM-LBT676 Datasheet
55Kb / 6P
   BLUE LINE Hyper TOPLED Hyper-Bright LED
logo
Siemens Semiconductor G...
LHT676 SIEMENS-LHT676 Datasheet
312Kb / 6P
   Hyper TOPLED Hyper-Bright, Hyper-Red TS GaAIAs-LED
LHT774 SIEMENS-LHT774 Datasheet
399Kb / 7P
   TOPLED RG Super-Bright, Hyper-Red GaAIAs-LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com