Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UU4793L-S08-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UU4793L-S08-T
Description  OVERLOAD MONITORING WITH RESISTIVE LOAD, VT = 44.5 mV
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UU4793L-S08-T Datasheet(HTML) 5 Page - Unisonic Technologies

  UU4793L-S08-T Datasheet HTML 1Page - Unisonic Technologies UU4793L-S08-T Datasheet HTML 2Page - Unisonic Technologies UU4793L-S08-T Datasheet HTML 3Page - Unisonic Technologies UU4793L-S08-T Datasheet HTML 4Page - Unisonic Technologies UU4793L-S08-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
UU4793
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R121-022.a
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - UU4793L-S08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UU4793L-S08-T UTC-UU4793L-S08-T Datasheet
191Kb / 5P
   LINEAR INTEGRATED CIRCUIT
UU4793L-S08-T UTC-UU4793L-S08-T Datasheet
191Kb / 5P
   OVERLOAD MONITORING
More results

Similar Description - UU4793L-S08-T

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U4793B TEMIC-U4793B Datasheet
79Kb / 5P
   Overload Monitoring with Resistive Load, VT = 44.5 mV
U4793B TEMIC-U4793B Datasheet
79Kb / 5P
   Overload Monitoring with Resistive Load, VT = 44.5 mV
logo
Unisonic Technologies
UU4793 UTC-UU4793_17 Datasheet
148Kb / 5P
   OVERLOAD MONITORING WITH RESISTIVE LOAD
UU4793 UTC-UU4793_15 Datasheet
191Kb / 5P
   OVERLOAD MONITORING
logo
TEMIC Semiconductors
U4791B TEMIC-U4791B Datasheet
80Kb / 5P
   Automotive Lamp Outage Monitor, VT = 53 mV
logo
Maxim Integrated Produc...
MAXM15063 MAXIM-MAXM15063 Datasheet
1Mb / 10P
   1.5W resistive load with 300mA sink capacity
Rev 0; 3/19
logo
IET Labs Inc.
HPRS-HIPOT-LOAD IET-HPRS-HIPOT-LOAD Datasheet
95Kb / 1P
   High Power Resistive Load
Nov. 2013
logo
List of Unclassifed Man...
SB4011NCMC ETC2-SB4011NCMC Datasheet
144Kb / 6P
   Electrical Capacity (Resistive Load)
logo
Monolithic Power System...
MP5087 MPS-MP5087 Datasheet
975Kb / 15P
   5.5V, 7A Low RDSON Load Switch with Current Monitoring
logo
FOTEK CONTROLS CO., LTD...
ASR-F-40DA FOTEK-ASR-F-40DA Datasheet
1Mb / 3P
   Rated current corresponding to Resistive load
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com