Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UTT120P06L-TA3-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTT120P06L-TA3-T
Description  120A, 60V P-CHANNEL POWER MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT120P06L-TA3-T Datasheet(HTML) 2 Page - Unisonic Technologies

  UTT120P06L-TA3-T Datasheet HTML 1Page - Unisonic Technologies UTT120P06L-TA3-T Datasheet HTML 2Page - Unisonic Technologies UTT120P06L-TA3-T Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UTT120P06
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R502-728.a
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
-60
V
Gate-Source Voltage
VGSS
±20
V
Drain Current
Continuous
TC=25°C
ID
-120
A
TC=125°C
-95
A
Pulsed
IDM
-480
A
Single Pulsed Avalanche Energy
L=-0.1mH
EAS
281 (Note 2)
mJ
Power Dissipation
TC=25°C
PD
192
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Duty cycle≦1%
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62
°C/W
Junction to Case
θJC
0.65
°C/W
ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=-250µA, VGS=0V
-60
V
Drain-Source Leakage Current
IDSS
VDS=-60V, VGS=0V
-1
µA
VDS=-60V,VGS=0V,TC=125°C
-50
µA
Gate-Source Leakage Current
Forward
IGSS
VGS=+20V, VDS=0V
+100
nA
Reverse
VGS=-20V, VDS=0V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=-250µA
-1
-3
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=-10V, ID=-30A
5.5
6.9
mΩ
VGS=-4.5V, ID=-30A
7.0
8.8
mΩ
DYNAMIC PARAMETERS
Input Capacitance
CISS
VGS=0V, VDS=-25V, f=1.0MHz
11400
pF
Output Capacitance
COSS
1200
pF
Reverse Transfer Capacitance
CRSS
900
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
VDS=-30V, VGS=-10V, ID=-110A
230
345
nC
Gate to Source Charge
QGS
50
nC
Gate to Drain Charge
QGD
60
nC
Turn-ON Delay Time
tD(ON)
VDD=-30V, VGS=-10V, ID=-110A,
RG=2.5Ω, RL=0.27Ω
20
ns
Rise Time
tR
160
240
ns
Turn-OFF Delay Time
tD(OFF)
200
ns
Fall-Time
tF
240
360
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
-120
A
Maximum Body-Diode Pulsed Current
ISM
-480
A
Drain-Source Diode Forward Voltage
VSD
IS=-120A, VGS=0V
-1.0
-1.5
V
Body Diode Reverse Recovery Time
trr
IF=-85A, dIF/dt=100A/µs
65
100
ns
Body Diode Reverse Recovery Charge
QRR
0.14
0.32
nC
Notes: 1. Pulse test, pulse width≦300µS, duty cycle≦2%


Similar Part No. - UTT120P06L-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT120P06L-TA3-T UTC-UTT120P06L-TA3-T Datasheet
165Kb / 3P
   P-CHANNEL POWER MOSFET
More results

Similar Description - UTT120P06L-TA3-T

ManufacturerPart #DatasheetDescription
logo
Rohm
RJ1L12BGN ROHM-RJ1L12BGN Datasheet
2Mb / 15P
   Nch 60V 120A Power MOSFET
RJ1L12CGN ROHM-RJ1L12CGN Datasheet
2Mb / 15P
   Nch 60V 120A Power MOSFET
RJ1L12DGN ROHM-RJ1L12DGN Datasheet
2Mb / 15P
   Nch 60V 120A Power MOSFET
logo
Taiwan Semiconductor Co...
TSM7P06CP TSC-TSM7P06CP Datasheet
344Kb / 5P
   60V P-Channel Power MOSFET
logo
TECH PUBLIC Electronics...
FDN5618P TECHPUBLIC-FDN5618P Datasheet
3Mb / 5P
   60V P-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM2309 TSC-TSM2309 Datasheet
327Kb / 5P
   60V P-Channel Power MOSFET
TSM7P06 TSC-TSM7P06 Datasheet
344Kb / 5P
   60V P-Channel Power MOSFET
TSM480P06 TSC-TSM480P06 Datasheet
891Kb / 9P
   60V P-Channel Power MOSFET
logo
TECH PUBLIC Electronics...
LP2309LT1G TECHPUBLIC-LP2309LT1G Datasheet
2Mb / 5P
   60V P-Channel Power MOSFET
logo
MagnaChip Semiconductor...
MDP06N033 MGCHIP-MDP06N033 Datasheet
997Kb / 6P
   Single N-channel Trench MOSFET 60V, 120A, 3.3m(ohm)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com