Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UTT80N10 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTT80N10
Description  80A, 100V N-CHANNEL POWER MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT80N10 Datasheet(HTML) 1 Page - Unisonic Technologies

  UTT80N10 Datasheet HTML 1Page - Unisonic Technologies UTT80N10 Datasheet HTML 2Page - Unisonic Technologies UTT80N10 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTT80N10
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 3
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-712.a
80A, 100V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC UTT80N10 is an N-channel power MOSFET using
UTC’s advanced technology to provide the customers with perfect
RDS(ON), high switching speed, high current capacity and low gate
charge.
The UTC UTT80N10 is suitable for DC-DC converters, Off-Line
UPS, High Voltage Synchronous Rectifier, Primary Switch for 48V
and 24V Systems, etc.
FEATURES
* RDS(ON)=18mΩ @ VGS=10V,ID=80A
* High Switching Speed
* High Current Capacity
* Low Gate Charge(typical 49nC)
SYMBOL
1.Gate
2.Drain
3.Source
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UTT80N10L-TA3-T
UTT80N10G-TA3-T
TO-220
G
D
S
Tube
Note: Pin Assignment: G: Gate D: Drain
S: Source


Similar Part No. - UTT80N10

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
UTT80N10 VBSEMI-UTT80N10 Datasheet
951Kb / 7P
   N-Channel 100-V (D-S) 175 째C MOSFET
More results

Similar Description - UTT80N10

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF8010 UTC-UF8010_11 Datasheet
193Kb / 6P
   80A, 100V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FDP3651U FAIRCHILD-FDP3651U Datasheet
388Kb / 6P
   N-Channel PowerTrench MOSFET 100V, 80A, 15mOHM
FDB3632 FAIRCHILD-FDB3632 Datasheet
267Kb / 11P
   N-Channel PowerTrench MOSFET 100V, 80A, 9m?
logo
Rohm
RJ1P04BBH ROHM-RJ1P04BBH Datasheet
3Mb / 13P
   Nch 100V 80A Power MOSFET
20230518 - Rev.003
RD3P08BBD ROHM-RD3P08BBD Datasheet
2Mb / 15P
   Nch 100V 80A Power MOSFET
RD3P07BBH ROHM-RD3P07BBH Datasheet
2Mb / 13P
   Nch 100V 80A Power MOSFET
20221122 - Rev.002
logo
ON Semiconductor
FDB3632-F085 ONSEMI-FDB3632-F085 Datasheet
1Mb / 12P
   N-Channel PowerTrench® MOSFET 100V, 80A, 9mΩ
August-2017, Rev. 3
logo
Rohm
RX3P07BBH ROHM-RX3P07BBH Datasheet
2Mb / 13P
   Nch 100V 80A Power MOSFET
20221122 - Rev.002
logo
Fairchild Semiconductor
FDB3632 FAIRCHILD-FDB3632_12 Datasheet
489Kb / 11P
   N-Channel PowerTrench짰 MOSFET 100V, 80A, 9m廓
FDB3632_F085 FAIRCHILD-FDB3632_F085 Datasheet
489Kb / 11P
   N-Channel PowerTrench짰 MOSFET 100V, 80A, 9m廓
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com