Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UTT60P03 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTT60P03
Description  -60A, -30V, P-CHANNEL POWER MOSFETS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT60P03 Datasheet(HTML) 3 Page - Unisonic Technologies

  UTT60P03 Datasheet HTML 1Page - Unisonic Technologies UTT60P03 Datasheet HTML 2Page - Unisonic Technologies UTT60P03 Datasheet HTML 3Page - Unisonic Technologies UTT60P03 Datasheet HTML 4Page - Unisonic Technologies UTT60P03 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UTT60P03
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-605.a
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS ID=-250µA, VGS=0V
-30
V
VDS=Rated BVDSS, VGS=0V
-1
Drain-Source Leakage Current
IDSS
VDS=0.8×Rated BVDSS, TC=150°C
-50
µA
Forward
VGS=+20V
+100
nA
Gate- Source Leakage
Current
Reverse
IGSS
VGS=-20V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH) VDS=VGS, ID=-250µA
-2
-4
V
Static Drain-Source On-State
Resistance (Note)
RDS(ON) VGS=-10V, ID=-60A
0.027
DYNAMIC PARAMETERS
Input Capacitance
CISS
3000
pF
Output Capacitance
COSS
1500
pF
Reverse Transfer Capacitance
CRSS
VGS=0V, VDS=-25V, f=1.0MHz
525
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
VGS=0 ~ -20V
190
230
nC
Gate Charge at 10V
QG(-10) VGS=0 ~ -10V
100
120
nC
Threshold Gate Charge
QG(TH) VGS=0 ~ -2V
VDD=-24V, ID≈-60A,
RL=0.4Ω, IG(REF)=-3mA
7.5
9
nC
Turn-On Time
tON
140
ns
Turn-ON Delay Time
tD(ON)
20
ns
Rise Time
tR
75
ns
Turn-OFF Delay Time
tD(OFF)
35
ns
Fall-Time
tF
40
ns
Turn-Off Time
tOFF
VDD=15V, VGS=-10V, ID≈60A,
RL=0.25Ω, RG=2.5Ω
115
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
(Note )
VSD
ISD=-60A
-1.75
V
Body Diode Reverse Recovery Time
tRR
ISD=-60A, ISD/dt=100A/µs
200
ns
Note: Pulse test: pulse width ≤ 300µs, duty cycle ≤ 2%.


Similar Part No. - UTT60P03

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT60N05 UTC-UTT60N05 Datasheet
134Kb / 3P
   60A, 50V N-CHANNEL ENHANCEMENT MODE POWER MOSFET TRANSISTOR
UTT60N05G-TA3-T UTC-UTT60N05G-TA3-T Datasheet
134Kb / 3P
   60A, 50V N-CHANNEL ENHANCEMENT MODE POWER MOSFET TRANSISTOR
UTT60N05L-TA3-T UTC-UTT60N05L-TA3-T Datasheet
134Kb / 3P
   60A, 50V N-CHANNEL ENHANCEMENT MODE POWER MOSFET TRANSISTOR
UTT60N06 UTC-UTT60N06 Datasheet
366Kb / 8P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
UTT60N06G-TA3-T UTC-UTT60N06G-TA3-T Datasheet
386Kb / 8P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - UTT60P03

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFG60P03 INTERSIL-RFG60P03 Datasheet
88Kb / 7P
   60A, 30V, 0.027 Ohm, P-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFG60P03 FAIRCHILD-RFG60P03 Datasheet
104Kb / 6P
   60A, 30V, Avalanche Rated, P-Channel Enhancement-Mode Power MOSFETs
logo
First Silicon Co., Ltd
FTK3009DFN22 FS-FTK3009DFN22 Datasheet
556Kb / 5P
   30V P-Channel MOSFETs
FTK3805 FS-FTK3805 Datasheet
927Kb / 5P
   30V P-Channel MOSFETs
FTK3911L FS-FTK3911L Datasheet
1Mb / 5P
   30V P-Channel MOSFETs
FDS3907 FS-FDS3907 Datasheet
1Mb / 4P
   30V P-Channel MOSFETs
FTK3911T FS-FTK3911T Datasheet
1Mb / 5P
   30V P-Channel MOSFETs
FTK3911 FS-FTK3911 Datasheet
1Mb / 5P
   30V P-Channel MOSFETs
FTK3959DFN56 FS-FTK3959DFN56 Datasheet
1Mb / 5P
   30V P-Channel MOSFETs
FTK3903DFN56 FS-FTK3903DFN56 Datasheet
788Kb / 5P
   30V P-Channel MOSFETs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com