Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q62703-Q1566 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # Q62703-Q1566
Description  LC SOT-23 LED, Diffused Low Current LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62703-Q1566 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

  Q62703-Q1566 Datasheet HTML 1Page - Siemens Semiconductor Group Q62703-Q1566 Datasheet HTML 2Page - Siemens Semiconductor Group Q62703-Q1566 Datasheet HTML 3Page - Siemens Semiconductor Group Q62703-Q1566 Datasheet HTML 4Page - Siemens Semiconductor Group Q62703-Q1566 Datasheet HTML 5Page - Siemens Semiconductor Group Q62703-Q1566 Datasheet HTML 6Page - Siemens Semiconductor Group Q62703-Q1566 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Semiconductor Group
6
1998-04-07
Wellenlänge der Strahlung
λ
peak = f (TA)
Wavelength at peak emission
I
F = 7.5 mA
Durchlaßspannung
V
F = f (TA)
Forward voltage
I
F = 2 mA
Dominantwellenlänge
λ
dom = f (TA)
Dominant wavelength
I
F = 7.5 mA
Relative Lichtstärke
I
V/IV(25
°C) = f (TA)
Relative luminous intensity
I
F = 2 mA
green
yellow
super-red
550
OHL01672
λ
peak
˚C
A
T
0
20
40
60
80
100
570
590
610
630
650
nm
690
yellow
green
super-red
1.4
OHL01750
V
F
˚C
A
T
0
20
40
60
80
100
1.6
1.8
2.0
2.2
V
2.4
yellow
green
super-red
550
OHL01673
λ
dom
˚C
A
T
020
40
60
80
100
570
590
610
630
650
nm
690
yellow
green
super-red
0.0
OHL01675
˚C
A
T
0
20
40
60
80
100
V
V(25 ˚C)
Ι
Ι
0.4
0.8
1.2
1.6
2.0
LS S269, LY S269, LG S269


Similar Part No. - Q62703-Q1566

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62703-Q1566 SIEMENS-Q62703-Q1566 Datasheet
116Kb / 5P
   Light Emltting Diodes
More results

Similar Description - Q62703-Q1566

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSS260 SIEMENS-LSS260 Datasheet
64Kb / 7P
   SOT-23 LED, Diffused
LS3369 SIEMENS-LS3369 Datasheet
126Kb / 7P
   LC 3 mm T1 LED, Diffused Low Current LED
LS5469 SIEMENS-LS5469 Datasheet
361Kb / 7P
   LC 5 mm T1 3/4 LED, Diffused Low Current LED
LSK389 SIEMENS-LSK389 Datasheet
403Kb / 7P
   LC ARGUS LED Low current 3 mm T1 LED, Non Diffused
LSA679 SIEMENS-LSA679 Datasheet
57Kb / 7P
   LC SIDELED Low Current LED
LST679 SIEMENS-LST679 Datasheet
431Kb / 7P
   LC TOPLED Low Current LED
LUS250 SIEMENS-LUS250 Datasheet
441Kb / 7P
   SOT-23 MULTILED, Diffused
logo
Fairchild Semiconductor
HLMP-1700L FAIRCHILD-HLMP-1700L Datasheet
152Kb / 4P
   LOW CURRENT LED LAMP - Tinted & Diffused
logo
Dialight Corporation
521-9324 DIALIGHT-521-9324 Datasheet
19Kb / 1P
   3mm Discrete LED Low Current Diffused
logo
SunLED Corporation
ZMDKVG48W SUNLED-ZMDKVG48W Datasheet
215Kb / 5P
   SOT-23 SURFACE MOUNT LED LAMP
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com