Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL-L400-MC1WW1-A-T Datasheet(PDF) 4 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CL-L400-MC1WW1-A-T
Description  LED package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CL-L400-MC1WW1-A-T Datasheet(HTML) 4 Page - CITIZEN ELECTRONICS CO., LTD.

  CL-L400-MC1WW1-A-T Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. CL-L400-MC1WW1-A-T Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD. CL-L400-MC1WW1-A-T Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CL-L400-MC1WW1-A-T Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CL-L400-MC1WW1-A-T Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CL-L400-MC1WW1-A-T Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CL-L400-MC1WW1-A-T Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CL-L400-MC1WW1-A-T Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CL-L400-MC1WW1-A-T Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
5. Characteristics
Forward Current vs. Forward Voltage
Forward Current vs. Relative Luminous Flux
Ts=25C
Ts=25C
Forward Current vs. Chromaticity Coordinate
Case Temperature vs. Chromaticity Coordinate
Ts=25C
IF=350mA
4/12
DATA SHEET
CITIZEN ELECTRONICS CO.,LTD. JAPAN
Symbol
CITILED
Name
CL-L400-MC1WW1-A
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
100 200 300 400 500 600 700
IF [mA]
0%
20%
40%
60%
80%
100%
120%
140%
160%
180%
0
100 200 300 400 500 600 700
IF [mA]
-0.020
-0.015
-0.010
-0.005
0.000
0.005
0.010
0.015
0.020
0
100 200 300 400 500 600 700
IF [mA]
-0.020
-0.015
-0.010
-0.005
0.000
0.005
0.010
0.015
0.020
0
25
50
75
100
Ts [
]
Ref.CE-P1589
10/11


Similar Part No. - CL-L400-MC1WW1-A-T

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-L400-MC1WW1-B CITIZEN-CL-L400-MC1WW1-B Datasheet
1Mb / 13P
   Internal Structure:Lead frame
More results

Similar Description - CL-L400-MC1WW1-A-T

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-L430-MC1W1-A-T CITIZEN-CL-L430-MC1W1-A-T Datasheet
404Kb / 12P
   LED package
CL-L430-MC1L2-A-T CITIZEN-CL-L430-MC1L2-A-T Datasheet
392Kb / 12P
   LED package
CL-L430-MC1WW1-A-T CITIZEN-CL-L430-MC1WW1-A-T Datasheet
407Kb / 12P
   LED package
CL-L400-MC1L2-A-T CITIZEN-CL-L400-MC1L2-A-T Datasheet
438Kb / 12P
   LED package
CL-L400-MC1N1-A-T CITIZEN-CL-L400-MC1N1-A-T Datasheet
430Kb / 12P
   LED package
CL-L430-MC1L1-A-T CITIZEN-CL-L430-MC1L1-A-T Datasheet
403Kb / 12P
   LED package
CL-L400-MC1W1-A-T CITIZEN-CL-L400-MC1W1-A-T Datasheet
438Kb / 12P
   LED package
CL-L430-MC1N1-A-T CITIZEN-CL-L430-MC1N1-A-T Datasheet
404Kb / 12P
   LED package
logo
Everlight Electronics C...
17-215-S3C-5UQ2R2B0E EVERLIGHT-17-215-S3C-5UQ2R2B0E_15 Datasheet
348Kb / 12P
   Chip LED package
15-21-R6C-B0Q1R2B0E EVERLIGHT-15-21-R6C-B0Q1R2B0E_15 Datasheet
426Kb / 12P
   Chip LED package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com