Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL-L400-MC1L2-A-T Datasheet(PDF) 6 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CL-L400-MC1L2-A-T
Description  LED package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CL-L400-MC1L2-A-T Datasheet(HTML) 6 Page - CITIZEN ELECTRONICS CO., LTD.

Back Button CL-L400-MC1L2-A-T Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD. CL-L400-MC1L2-A-T Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CL-L400-MC1L2-A-T Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CL-L400-MC1L2-A-T Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CL-L400-MC1L2-A-T Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CL-L400-MC1L2-A-T Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CL-L400-MC1L2-A-T Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CL-L400-MC1L2-A-T Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. CL-L400-MC1L2-A-T Datasheet HTML 10Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6. Reliability
(1)
Datails of the tests
(2)Judgement Criteria of Failure for Reliability Test
(Ta=25
)
U defines the upper limit of the specified characteristics. S defines the initial value.
Note : Measurement shall be taken between 2 hours and 24 hours, and the test pieces should be
return to the normal ambient conditions after the completion of each test.
CITILED
Name
CL-L400-MC1L2-A
CITIZEN ELECTRONICS CO.,LTD. JAPAN
Symbol
DATA SHEET
>U X 1.1
<S X 0.70
IF=350mA
Forward Voltage
Total Luminous Flux
6/12
-40 C × 30 minutes – 100 C × 30 minutes, 100 cycle
IF=350mA
VF
φv
Solder heat resistance test
Test Item
Test Condition
Symbol
Measuring Condition Judgement Criteria for Failure
Measuring Item
High Temperature Storage Test
Moisture-proof Test
Thermal Shock Test
Low Temperature Storage Test
Continuous Operation Test
Recommended temperature profile (reflow soldering)× 2,
(2nd test must be started after the samples are stabilized thermally.)
Ta=25 C, IF=350mA× 1000 hours
-40 C × 1000 hours
100 C × 1000 hours
60 C, 90 %RH for 500 hours
Ref.CE-P1591
10/11


Similar Part No. - CL-L400-MC1L2-A-T

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-L400-MC1L2-B CITIZEN-CL-L400-MC1L2-B Datasheet
1Mb / 13P
   Internal Structure:Lead frame
More results

Similar Description - CL-L400-MC1L2-A-T

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-L430-MC1W1-A-T CITIZEN-CL-L430-MC1W1-A-T Datasheet
404Kb / 12P
   LED package
CL-L430-MC1L2-A-T CITIZEN-CL-L430-MC1L2-A-T Datasheet
392Kb / 12P
   LED package
CL-L430-MC1WW1-A-T CITIZEN-CL-L430-MC1WW1-A-T Datasheet
407Kb / 12P
   LED package
CL-L400-MC1N1-A-T CITIZEN-CL-L400-MC1N1-A-T Datasheet
430Kb / 12P
   LED package
CL-L400-MC1WW1-A-T CITIZEN-CL-L400-MC1WW1-A-T Datasheet
437Kb / 12P
   LED package
CL-L430-MC1L1-A-T CITIZEN-CL-L430-MC1L1-A-T Datasheet
403Kb / 12P
   LED package
CL-L400-MC1W1-A-T CITIZEN-CL-L400-MC1W1-A-T Datasheet
438Kb / 12P
   LED package
CL-L430-MC1N1-A-T CITIZEN-CL-L430-MC1N1-A-T Datasheet
404Kb / 12P
   LED package
logo
Everlight Electronics C...
17-215-S3C-5UQ2R2B0E EVERLIGHT-17-215-S3C-5UQ2R2B0E_15 Datasheet
348Kb / 12P
   Chip LED package
15-21-R6C-B0Q1R2B0E EVERLIGHT-15-21-R6C-B0Q1R2B0E_15 Datasheet
426Kb / 12P
   Chip LED package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com