Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL-L400-MC1L1-A-T Datasheet(PDF) 9 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CL-L400-MC1L1-A-T
Description  LED lamp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CL-L400-MC1L1-A-T Datasheet(HTML) 9 Page - CITIZEN ELECTRONICS CO., LTD.

Back Button CL-L400-MC1L1-A-T Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CL-L400-MC1L1-A-T Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CL-L400-MC1L1-A-T Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CL-L400-MC1L1-A-T Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CL-L400-MC1L1-A-T Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CL-L400-MC1L1-A-T Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. CL-L400-MC1L1-A-T Datasheet HTML 10Page - CITIZEN ELECTRONICS CO., LTD. CL-L400-MC1L1-A-T Datasheet HTML 11Page - CITIZEN ELECTRONICS CO., LTD. CL-L400-MC1L1-A-T Datasheet HTML 12Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9/12
9. Precautions
9-1 Handling precaution
(1). Avoid the application of any stress to the encupsulant.
(2). Avoid any contact by a sharp metal nail or other materials with the encupsulant.
(3).Pick and Place
 Recommend condition : nozzle inner radius ≧φ4.4mm
 Avoid direct contact to the encapsulant with the nozzle.
(4). PCB handling
Bending the circuit board with soldered LEDs may cause breakage of LEDs.
Please take care to bow, twist, and warpage the PCB.
9-2. Lighting at a low current
A minimum current value of lighting of all dice is 30mA.
When a minimal current is applied, LED dice may look different in their brightness due to
the individual difference of the LED element, and it is not a failed product.
9-3. Handling of static electricity
- These products are sensitive to static electricity charge.
Please take measures to prevent any static electricity being produced such as the wearing of a
wristband or anti-static gloves when handling this product.
- All devices, equipment and machinery must be properly grounded. It is recommended that precautions
be taken against surge voltage to the equipment that mounts the LEDs.
- When inspecting the final products in which LEDs were assembled, it is recommended to check
whether the assembled LEDs are damaged by static electricity or not.
- It is easy to find static-damaged LEDs by a light-on test.
<Light-on test criterion>
Symbol
CITILED
Name
No-lighting die in package is
unacceptable
IF=6mA/PKG
Condition
Judgmental criterion
DATA SHEET
CL-L400-MC1L1-A
CITIZEN ELECTRONICS CO., LTD. JAPAN
encupsulant
(Hatching area)
NG
Bad ex : narrow nozzle
encupsulant
(Hatching area)
Cathode mark
NG
Bad ex : narrow nozzle
ex : pick up area
φ =4.4mm
ex : pick up area
Ref.CE-P1158 05/11


Similar Part No. - CL-L400-MC1L1-A-T

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-L400-MC1L1-B CITIZEN-CL-L400-MC1L1-B Datasheet
1Mb / 13P
   Internal Structure:Lead frame
More results

Similar Description - CL-L400-MC1L1-A-T

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM5411 AUK-SM5411 Datasheet
166Kb / 3P
   LED Lamp
SM5511 AUK-SM5511 Datasheet
187Kb / 3P
   LED Lamp
SG3317 AUK-SG3317_1 Datasheet
181Kb / 4P
   LED Lamp
SA3412 AUK-SA3412 Datasheet
57Kb / 3P
   LED Lamp
SM3317-H AUK-SM3317-H Datasheet
182Kb / 4P
   LED Lamp
SM3317-L AUK-SM3317-L Datasheet
180Kb / 4P
   LED Lamp
SY5311 AUK-SY5311 Datasheet
179Kb / 4P
   LED Lamp
logo
Visual Communications C...
VAOL-10GAT4 VCC-VAOL-10GAT4 Datasheet
584Kb / 3P
   LED LAMP
logo
KODENSHI_AUK CORP.
SW3318E-G KODENSHI-SW3318E-G Datasheet
334Kb / 7P
   LAMP LED
SY3318-V KODENSHI-SY3318-V Datasheet
251Kb / 3P
   LAMP LED
SY3418-E KODENSHI-SY3418-E Datasheet
256Kb / 3P
   LAMP LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com