Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UTT50P04L-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTT50P04L-TN3-R
Description  -40V, -60A P-CHANNEL POWER MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT50P04L-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UTT50P04L-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTT50P04L-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTT50P04L-TN3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
UTT50P04
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 3
www.unisonic.com.tw
QW-R502-598.a
ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS ID=-250µA, VGS=0V
-40
V
VDS=-40V, VGS=0V
-1
Drain-Source Leakage Current
IDSS
VDS=-40V, VGS=0V , TJ=125°C
-50
µA
Forward
VGS=+20V, VDS=0V
+100
nA
Gate- Source Leakage Current
Reverse
IGSS
VGS=-20V, VDS=0V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH) VDS=VGS, ID=-250µA
-1.0
-3.0
V
VGS=-10V, ID=-30A
0.0105 0.013
VGS=-10V, ID=-30A, TJ=125°C
0.020
Static Drain-Source On-State Resistance
(Note 1)
RDS(ON)
VGS=−4.5V, ID=−20A
0.017
0.022
Forward Transconductance (Note 1)
gFS
VDS=-15V, ID=-30A
15
S
On State Drain Current (Note 1)
ID(ON)
VGS=-10V, VDS=-5V
-50
A
DYNAMIC PARAMETERS
(Note 2)
Input Capacitance
CISS
3120
pF
Output Capacitance
COSS
440
pF
Reverse Transfer Capacitance
CRSS
VGS=0V, VDS=-25V, f=1MHz
320
pF
Gate Resistance
RG
f=1.0MHz
4.3
SWITCHING PARAMETERS
(Note 2)
Total Gate Charge (Note 3)
QG
63
95
nC
Gate to Source Charge (Note 3)
QGS
13
nC
Gate to Drain Charge (Note 3)
QGD
VGS=-10V, VDS=-20V, ID=-50A
16
nC
Turn-ON Delay Time (Note 3)
tD(ON)
15
25
ns
Rise Time (Note 3)
tR
18
30
ns
Turn-OFF Delay Time (Note 3)
tD(OFF)
60
90
ns
Fall-Time (Note 3)
tF
VDD=-20V, VGEN=-10V, ID≈-50A,
RL=0.4 Ω , Rg=2.5Ω
47
70
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
(TC=25°C)
Maximum Body-Diode Pulsed Current
ISM
-100
A
Drain-Source Diode Forward Voltage
(Note 1)
VSD
IF=-50A, VGS=0V
-1.0
-1.5
V
Body Diode Reverse Recovery Time
tRR
IF=-50A, di/dt=100A/µs
36
55
ns
Notes: 1. Pulse test; pulse width≤300µs, duty cycle≤2%.
2. Guaranteed by design, not subject to production testing.
3. Independent of operating temperature.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - UTT50P04L-TN3-R

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
UTT50P04L-TN3-R VBSEMI-UTT50P04L-TN3-R Datasheet
1Mb / 9P
   P-Channel 4 0 V (D-S) MOSFET
More results

Similar Description - UTT50P04L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT65P04 UTC-UTT65P04 Datasheet
132Kb / 3P
   65A, 40V P-CHANNEL POWER MOSFET
UTT40P04 UTC-UTT40P04 Datasheet
133Kb / 3P
   40V, 50A P-CHANNEL POWER MOSFET
logo
Shindengen Electric Mfg...
P60B4SN SHINDENGEN-P60B4SN Datasheet
1Mb / 7P
   Power MOSFETs 40V, 60A, N-channel
logo
Unisonic Technologies
UTT20P04 UTC-UTT20P04 Datasheet
128Kb / 3P
   -40V, -20A P-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AO4443 AOSMD-AO4443_11 Datasheet
314Kb / 5P
   40V P-Channel MOSFET
AO4485 AOSMD-AO4485_10 Datasheet
185Kb / 4P
   40V P-Channel MOSFET
AOD413A AOSMD-AOD413A_11 Datasheet
212Kb / 6P
   40V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4485 WHXPCB-AO4485 Datasheet
1Mb / 4P
   40V P-Channel MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com