Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL-L330-MC26L1-C Datasheet(PDF) 9 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CL-L330-MC26L1-C
Description  LED lamp
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CL-L330-MC26L1-C Datasheet(HTML) 9 Page - CITIZEN ELECTRONICS CO., LTD.

Back Button CL-L330-MC26L1-C Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD. CL-L330-MC26L1-C Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CL-L330-MC26L1-C Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CL-L330-MC26L1-C Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CL-L330-MC26L1-C Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CL-L330-MC26L1-C Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CL-L330-MC26L1-C Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CL-L330-MC26L1-C Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. CL-L330-MC26L1-C Datasheet HTML 10Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9/10
8. Precautions (continued)
Symbol
- This product complies with RoHS directives.
- Contacts number of soldering bit should be within twice for each terminal as a correction.
CITIZEN ELECTRONICS CO.,LTD. JAPAN
CL-L330-MC26L1-C
a heat release design is required to use this product efficiently.
- Factors responsible for an increase in temperature include heat generation attributed to
applied to this product instantaneously when the circuit is ON or OFF.
10. Heat generation
11. Recommended soldering condition
12. Other
DATA SHEET
CITILED
Name
- As this product is designed with consideration of the heat release property of module,
* Citizen Electronics cannot guarantee if usage exceeds this recommended conditions.
Please use it after sufficient verification is carried out on your own risk if necessary.
Please ensure that heat generation is not in excess of the absolute maximum rating.
(Refer to 4-1 Performance)
- Next process of soldering should be carried out after the product has returned to ambient
ambient temperature conditions or power dissipation. Thus, drive conditions should be
- Manual soldering
- Soldering shall be implemented using a soldering bit of 40W or less with a temperature
- No external force shall be applied to resin part during soldering.
- For soldering correction
- Regarding soldering correction, above conditions shall be used.
- A constant current circuit is recommended as a drive circuit.
And when two or more LED packages are connected, the series connection
between each package is recommended.
- Please design a circuit that prevents any reverse voltage (excess current) from being
taken into consideration, depending on ambient temperature (Ta).
350°C or less within 3.5 seconds for one land.
(Recommended condition in a case of lead-free solder condition)
7. Lighting at a low current
A minimum current value of lighting of all dice is 60mA.
When a minimal current is applied, LED dice may look different in their brightness due to
the individual difference of the LED element, and it is not a failed product.
8. Please be aware that this product should not come into contact with any other parts
in assembled status.
9. Drive circuit
Ref.CE-P1107
04/11


Similar Part No. - CL-L330-MC26L1-C

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-L330-MC26L2-C CITIZEN-CL-L330-MC26L2-C Datasheet
333Kb / 10P
   LED lamp
More results

Similar Description - CL-L330-MC26L1-C

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM5411 AUK-SM5411 Datasheet
166Kb / 3P
   LED Lamp
SM5511 AUK-SM5511 Datasheet
187Kb / 3P
   LED Lamp
SG3317 AUK-SG3317_1 Datasheet
181Kb / 4P
   LED Lamp
SA3412 AUK-SA3412 Datasheet
57Kb / 3P
   LED Lamp
SM3317-H AUK-SM3317-H Datasheet
182Kb / 4P
   LED Lamp
SM3317-L AUK-SM3317-L Datasheet
180Kb / 4P
   LED Lamp
SY5311 AUK-SY5311 Datasheet
179Kb / 4P
   LED Lamp
logo
Visual Communications C...
VAOL-10GAT4 VCC-VAOL-10GAT4 Datasheet
584Kb / 3P
   LED LAMP
logo
KODENSHI_AUK CORP.
SW3318E-G KODENSHI-SW3318E-G Datasheet
334Kb / 7P
   LAMP LED
SY3318-V KODENSHI-SY3318-V Datasheet
251Kb / 3P
   LAMP LED
SY3418-E KODENSHI-SY3418-E Datasheet
256Kb / 3P
   LAMP LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com