Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UTT30N10 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTT30N10
Description  30A, 100V N-CHANNEL POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT30N10 Datasheet(HTML) 2 Page - Unisonic Technologies

  UTT30N10 Datasheet HTML 1Page - Unisonic Technologies UTT30N10 Datasheet HTML 2Page - Unisonic Technologies UTT30N10 Datasheet HTML 3Page - Unisonic Technologies UTT30N10 Datasheet HTML 4Page - Unisonic Technologies UTT30N10 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UTT30N10
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R502-661.c
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
100
V
Gate-Source Voltage
VGSS
±20
V
Drain Current
Continuous
(VGS=10V) TC=25°C
ID
30
A
Pulsed
IDM
120
A
Single Pulsed Avalanche Energy (Note 2)
EAS
55
mJ
Power Dissipation
TO-220
PD
79
W
TO-252
44
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Starting TJ = 25°C, L = 0.27mH, IAS = 30A.
3. Pulse Width = 100s
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220
θJA
62
°C/W
TO-252
110
Junction to Case
TO-220
θJC
1.58
°C/W
TO-252
2.85
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
100
V
Drain-Source Leakage Current
IDSS
VDS=100V, VGS=0V
1
µA
Gate- Source Leakage
Current
Forward
IGSS
VGS=+20V, VDS=0V
+100 nA
Reverse
VGS=-20V, VDS=0V
-100 nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
1
3
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=30A
32
43
mΩ
VGS=6V, ID=15A
40
72
mΩ
DYNAMIC PARAMETERS
Input Capacitance
CISS
VGS=0V, VDS=25V, f=1.0MHz
1250
pF
Output Capacitance
COSS
190
pF
Reverse Transfer Capacitance
CRSS
45
pF
SWITCHING PARAMETERS
Total Gate Charge at 10V
QG
VGS=0~10V,VDD=50V,ID=30A,IG=1.0mA
18.5 28
nC
Gate to Source Charge
QGS
VDD=50V, ID=30A, IG=1.0mA
6.5
nC
Gate to Drain Charge
QGD
4.6
nC
Turn-ON Time
tON
VDD=50V, ID=30A, VGS=10V,
RGS=16Ω
83
ns
Turn-ON Delay Time
tD(ON)
9
ns
Rise Time
tR
46
ns
Turn-OFF Delay Time
tD(OFF)
26
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
ISD=30A
1.25
V
ISD=15A
1.0
V


Similar Part No. - UTT30N10

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
UTT30N10 ISC-UTT30N10 Datasheet
250Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
Unisonic Technologies
UTT30N10G-TA3-T UTC-UTT30N10G-TA3-T Datasheet
246Kb / 6P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
UTT30N10G-TF3-T UTC-UTT30N10G-TF3-T Datasheet
246Kb / 6P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
UTT30N10G-TN3-R UTC-UTT30N10G-TN3-R Datasheet
246Kb / 6P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
UTT30N10G-TQ2-R UTC-UTT30N10G-TQ2-R Datasheet
246Kb / 6P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
More results

Similar Description - UTT30N10

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
P30LA10SL SHINDENGEN-P30LA10SL Datasheet
1Mb / 7P
   Power MOSFETs 100V, 30A, N-channel
logo
Rohm
RSJ301N10 ROHM-RSJ301N10 Datasheet
2Mb / 15P
   Nch 100V 30A Power MOSFET
RSJ301N10FRA ROHM-RSJ301N10FRA Datasheet
2Mb / 15P
   Nch 100V 30A Power MOSFET
logo
Taiwan Semiconductor Co...
TSM35N10 TSC-TSM35N10 Datasheet
356Kb / 6P
   100V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
15N10 DYELEC-15N10 Datasheet
1Mb / 8P
   100V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM85N10 TSC-TSM85N10 Datasheet
68Kb / 4P
   100V N-Channel Power MOSFET
TSM70N10 TSC-TSM70N10 Datasheet
383Kb / 6P
   100V N-Channel Power MOSFET
TSM160N10 TSC-TSM160N10 Datasheet
486Kb / 6P
   100V N-Channel Power MOSFET
logo
Guangdong Youtai Semico...
STD10NF10 UMW-STD10NF10 Datasheet
616Kb / 5P
   100V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM70N10 TSC-TSM70N10_14 Datasheet
489Kb / 8P
   100V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com