Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL-L270-U1N-A Datasheet(PDF) 9 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CL-L270-U1N-A
Description  LED lamp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CL-L270-U1N-A Datasheet(HTML) 9 Page - CITIZEN ELECTRONICS CO., LTD.

Back Button CL-L270-U1N-A Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CL-L270-U1N-A Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CL-L270-U1N-A Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CL-L270-U1N-A Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CL-L270-U1N-A Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CL-L270-U1N-A Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. CL-L270-U1N-A Datasheet HTML 10Page - CITIZEN ELECTRONICS CO., LTD. CL-L270-U1N-A Datasheet HTML 11Page - CITIZEN ELECTRONICS CO., LTD. CL-L270-U1N-A Datasheet HTML 12Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9. Precautions
9-1. Soldering
(1) Lead free soldering
1) Following soldering paste is recommended
Melting temperature: 216 ~ 220 C.
Composition: Sn / 3.5Ag / 0.75Cu
2) The temperature profile at the top surface of the parts is recommended as shown
below.
3) It is requested that products should be handled after their temperature has dropped
down to the normal room temperature
9-2. Washing
(1) When washing after soldering is needed, following conditions are requested.
a) Washing solvent: Pure Water
b) Temperature, time: 50 C or less × 30 seconds max.
or 30 C or less × 3 minutes max.
c) Ultrasonic washing: 300W or less
9-3. Other directions
(1) It is requested to avoid any stress added to the resin portion while it is heated.
(2) It is requested to avoid any friction by sharp metal nail etc. to the resin portion.
(3) For outdoor use, necessary measures should be taken to prevent water,
moisture and salt air damage.
This product is NOT designed with following conditions in mind.
In water, oil, medicament, organic solvent and dust-laden environment.
CITIZEN ELECTRONICS CO.,LTD. JAPAN
DATA SHEET
Symbol
CITILED
Name
CL-L270-U1N-A
9 / 12
140sec
160 ~180°C
4°C/sec. Max
Time
4°C/sec. Max
260°C Max
220°C
60 ~70sec
3
sec
. Max
Ref.CE-P1403
08/11


Similar Part No. - CL-L270-U1N-A

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-L270-U1D-A CITIZEN-CL-L270-U1D-A Datasheet
316Kb / 12P
   LED lamp
CL-L270-U1D-A-T CITIZEN-CL-L270-U1D-A-T Datasheet
316Kb / 12P
   LED lamp
More results

Similar Description - CL-L270-U1N-A

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM5411 AUK-SM5411 Datasheet
166Kb / 3P
   LED Lamp
SM5511 AUK-SM5511 Datasheet
187Kb / 3P
   LED Lamp
SG3317 AUK-SG3317_1 Datasheet
181Kb / 4P
   LED Lamp
SA3412 AUK-SA3412 Datasheet
57Kb / 3P
   LED Lamp
SM3317-H AUK-SM3317-H Datasheet
182Kb / 4P
   LED Lamp
SM3317-L AUK-SM3317-L Datasheet
180Kb / 4P
   LED Lamp
SY5311 AUK-SY5311 Datasheet
179Kb / 4P
   LED Lamp
logo
Visual Communications C...
VAOL-10GAT4 VCC-VAOL-10GAT4 Datasheet
584Kb / 3P
   LED LAMP
logo
KODENSHI_AUK CORP.
SW3318E-G KODENSHI-SW3318E-G Datasheet
334Kb / 7P
   LAMP LED
SY3318-V KODENSHI-SY3318-V Datasheet
251Kb / 3P
   LAMP LED
SY3418-E KODENSHI-SY3418-E Datasheet
256Kb / 3P
   LAMP LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com