Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LOM670-K Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # LOM670-K
Description  Mini TOPLED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LOM670-K Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  LOM670-K Datasheet HTML 1Page - Siemens Semiconductor Group LOM670-K Datasheet HTML 2Page - Siemens Semiconductor Group LOM670-K Datasheet HTML 3Page - Siemens Semiconductor Group LOM670-K Datasheet HTML 4Page - Siemens Semiconductor Group LOM670-K Datasheet HTML 5Page - Siemens Semiconductor Group LOM670-K Datasheet HTML 6Page - Siemens Semiconductor Group LOM670-K Datasheet HTML 7Page - Siemens Semiconductor Group LOM670-K Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Semiconductor Group
2
1998-11-12
Streuung der Lichtstärke in einer Verpackungseinheit
I
V max / IV min ≤ 2.0.
Luminous intensity ratio in one packaging unit
I
V max / IV min ≤ 2.0.
Typ
Type
Emissions-
farbe
Color of
Emission
Farbe der
Lichtaustritts-
fläche
Color of the
Light Emitting
Area
Lichtstärke
Luminous
Intensity
I
F = 10 mA
I
V (mcd)
Lichtstrom
Luminous
Flux
I
F = 10 mA
Φ
V (mlm)
Bestellnummer
Ordering Code
LS M670-HK
LS M670-J
LS M670-K
LS M670-JM
super-red
colorless clear
2.5 … 12.5
4.0 … 8.0
6.3 … 12.5
4.0 … 32.0
-
18 (typ.)
30 (typ.)
-
Q62703-Q3380
Q62703-Q3381
Q62703-Q3382
Q62703-Q3383
LO M670-HK
LO M670-J
LO M670-K
LO M670-JM
orange
colorless clear
2.5 … 12.5
4.0 … 8.0
6.3 … 12.5
4.0 … 32.0
-
18 (typ.)
30 (typ.)
-
Q62703-Q3384
Q62703-Q3385
Q62703-Q3386
Q62703-Q3387
LY M670-HK
LY M670-J
LY M670-K
LY M670-JM
yellow
colorless clear
2.5 … 12.5
4.0 … 8.0
6.3 … 12.5
4.0 … 32.0
-
18 (typ.)
30 (typ.)
-
Q62703-Q3388
Q62703-Q3389
Q62703-Q3390
Q62703-Q3391
LG M670-HK
LG M670-J
LG M670-K
LG M670-JM
green
colorless clear
2.5 … 12.5
4.0 … 8.0
6.3 … 12.5
4.0 … 32.0
-
18 (typ.)
30 (typ.)
-
Q62703-Q3392
Q62703-Q3393
Q62703-Q3394
Q62703-Q3395
LP M670-FJ
LP M670-G
LP M670-H
LP M670-GK
pure green
colorless clear
1.0 … 8.0
1.6 … 3.2
2.5 … 5.0
1.6 … 12.5
-
8 (typ.)
12 (typ.)
-
Q62703-Q3396
Q62703-Q3397
Q62703-Q3398
Q62703-Q3399
LS M670, LO M670, LY M670
LG M670, LP M670


Similar Part No. - LOM670-K

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LOM670-H2L1-24 OSRAM-LOM670-H2L1-24 Datasheet
479Kb / 19P
   white SMT package, colorless clear resin
logo
HK TO-GRACE TECHNOLOGY ...
LOM670-J2L1 TO-GRACE-LOM670-J2L1 Datasheet
1Mb / 12P
   Standard Mini SMD LED
More results

Similar Description - LOM670-K

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LS-M67K-H2L1-1-Z OSRAM-LS-M67K-H2L1-1-Z Datasheet
500Kb / 20P
   Mini TOPLED
LG-M67K-G1J2-24-Z OSRAM-LG-M67K-G1J2-24-Z Datasheet
501Kb / 20P
   Mini TOPLED
LGM67K OSRAM-LGM67K Datasheet
501Kb / 20P
   Mini TOPLED
LTM673 OSRAM-LTM673 Datasheet
614Kb / 21P
   Mini TOPLED
LG-M676-N2Q1-24-Z OSRAM-LG-M676-N2Q1-24-Z Datasheet
502Kb / 20P
   Mini TOPLED
LSM67K OSRAM-LSM67K Datasheet
500Kb / 20P
   Mini TOPLED
LSM67F OSRAM-LSM67F Datasheet
536Kb / 21P
   Mini TOPLED
LSM670 OSRAM-LSM670 Datasheet
478Kb / 19P
   Mini TOPLED
LAM676 OSRAM-LAM676_18 Datasheet
1Mb / 21P
   Mini TOPLED
LAM67F OSRAM-LAM67F_18 Datasheet
1Mb / 22P
   Mini TOPLED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com