Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCM6323AYJ15A Datasheet(PDF) 3 Page - Motorola, Inc

Part # SCM6323AYJ15A
Description  64K x 16 Bit 3.3 V Asynchronous Fast Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SCM6323AYJ15A Datasheet(HTML) 3 Page - Motorola, Inc

  SCM6323AYJ15A Datasheet HTML 1Page - Motorola, Inc SCM6323AYJ15A Datasheet HTML 2Page - Motorola, Inc SCM6323AYJ15A Datasheet HTML 3Page - Motorola, Inc SCM6323AYJ15A Datasheet HTML 4Page - Motorola, Inc SCM6323AYJ15A Datasheet HTML 5Page - Motorola, Inc SCM6323AYJ15A Datasheet HTML 6Page - Motorola, Inc SCM6323AYJ15A Datasheet HTML 7Page - Motorola, Inc SCM6323AYJ15A Datasheet HTML 8Page - Motorola, Inc SCM6323AYJ15A Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MCM6323A
3
MOTOROLA FAST SRAM
DC OPERATING CONDITIONS AND CHARACTERISTICS
(VDD = 3.3 V ± 0.3 V, TA = 0 to 70°C, Unless Otherwise Noted)
(TA = – 40 to + 85°C for Industrial Temperature Offering)
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Typ
Max
Unit
Power Supply Voltage
VDD
3.0
3.3
3.6
V
Input High Voltage
VIH
2.2
VDD + 0.3**
V
Input Low Voltage
VIL
– 0.5
*
0.8
V
*VIL (min) = – 0.5 V dc; VIL (min) = – 2.0 V ac (pulse width ≤ 20 ns) for I ≤ 20.0 mA.
** VIH (max) = VDD + 0.3 V dc; VIH (max) = VDD + 2.0 V ac (pulse width ≤ 20 ns) for I ≤ 20.0 mA.
DC CHARACTERISTICS
Parameter
Symbol
Min
Max
Unit
Input Leakage Current (All Inputs, Vin = 0 to VDD)
Ilkg(I)
± 1.0
µA
Output Leakage Current (E = VIH, Vout = 0 to VDD)
Ilkg(O)
± 1.0
µA
Output Low Voltage
(IOL = + 4.0 mA)
(IOL = + 100 µA)
VOL
0.4
VSS + 0.2
V
Output High Voltage
(IOH = – 4.0 mA)
(IOH = – 100 µA)
VOH
2.4
VDD – 0.2
V
POWER SUPPLY CURRENTS (See Note 1)
Parameter
Symbol
6323A–10
6323A–12
6323A–15
Unit
Notes
AC Active Supply Current (Iout = 0 mA)
Commerical
(VDD = max, f = fmax)
Industrial
IDDA
140
150
135
140
130
135
mA
2
AC Standby Current (E = VIH, VDD = max,
Commerical
f = fmax)
Industrial
ISB1
40
45
35
40
30
35
mA
2
CMOS Standby Current (VDD = max, f = 0 MHz,
Commerical
E
≥ VDD – 0.2 V, Vin ≤ VSS + 0.2 V,
Industrial
or
≥ VDD – 0.2 V)
ISB2
5
5
5
5
5
5
mA
NOTES:
1. Typical current = 25
°C @ 3.3 V.
2. Reference AC Operating Conditions and Characteristics for input and timing (VIH/VIL, tr/tf, pulse level 0 to 3.0 V, VIH = 3.0 V, VIL = 0 V).
CAPACITANCE (f = 1.0 MHz, dV = 3.0 V, TA = 25°C, Periodically Sampled Rather Than 100% Tested)
Parameter
Symbol
Typ
Max
Unit
Address Input Capacitance
Cin
6
pF
Control Input Capacitance
Cin
6
pF
Input/Output Capacitance
CI/O
8
pF


Similar Part No. - SCM6323AYJ15A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SCM6341ZP10A MOTOROLA-SCM6341ZP10A Datasheet
124Kb / 10P
   128K x 24 Bit Static Random Access Memory
SCM6341ZP12A MOTOROLA-SCM6341ZP12A Datasheet
124Kb / 10P
   128K x 24 Bit Static Random Access Memory
SCM6341ZP15A MOTOROLA-SCM6341ZP15A Datasheet
124Kb / 10P
   128K x 24 Bit Static Random Access Memory
SCM6343YJ12A MOTOROLA-SCM6343YJ12A Datasheet
169Kb / 10P
   256K x 15 Bit 3.3 V Asynchronous Fast Static RAM
SCM6343YJ12AR MOTOROLA-SCM6343YJ12AR Datasheet
169Kb / 10P
   256K x 15 Bit 3.3 V Asynchronous Fast Static RAM
More results

Similar Description - SCM6323AYJ15A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MR0A16A FREESCALE-MR0A16A Datasheet
219Kb / 20P
   64K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
logo
Motorola, Inc
MCM6343 MOTOROLA-MCM6343 Datasheet
169Kb / 10P
   256K x 15 Bit 3.3 V Asynchronous Fast Static RAM
MCM67A618B MOTOROLA-MCM67A618B Datasheet
141Kb / 12P
   64K x 18 Bit Asynchronous/ Latched Address Fast Static RAM
logo
Integrated Silicon Solu...
IS61WV6416DALL ISSI-IS61WV6416DALL Datasheet
783Kb / 21P
   64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
List of Unclassifed Man...
MR2A16A ETC-MR2A16A Datasheet
161Kb / 16P
   256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
logo
Freescale Semiconductor...
MR2A16A FREESCALE-MR2A16A_1 Datasheet
231Kb / 22P
   256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
logo
Motorola, Inc
MCM6209C MOTOROLA-MCM6209C Datasheet
175Kb / 8P
   64K x 4 Bit Fast Static RAM
logo
Cypress Semiconductor
CY62126BV CYPRESS-CY62126BV Datasheet
188Kb / 9P
   64K x 16 Static RAM
logo
Weida Semiconductor, In...
WCFS1016C1C WEIDA-WCFS1016C1C Datasheet
185Kb / 9P
   64K x 16 Static RAM
logo
Cypress Semiconductor
CY7C1021BNV33 CYPRESS-CY7C1021BNV33 Datasheet
534Kb / 10P
   64K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com