Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q62703-Q0760 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # Q62703-Q0760
Description  ARGUS LED 3 mm T1 LED, Non Diffused
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62703-Q0760 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

  Q62703-Q0760 Datasheet HTML 1Page - Siemens Semiconductor Group Q62703-Q0760 Datasheet HTML 2Page - Siemens Semiconductor Group Q62703-Q0760 Datasheet HTML 3Page - Siemens Semiconductor Group Q62703-Q0760 Datasheet HTML 4Page - Siemens Semiconductor Group Q62703-Q0760 Datasheet HTML 5Page - Siemens Semiconductor Group Q62703-Q0760 Datasheet HTML 6Page - Siemens Semiconductor Group Q62703-Q0760 Datasheet HTML 7Page - Siemens Semiconductor Group Q62703-Q0760 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Semiconductor Group
8
LS K380, LO K380, LY K380
LG K380, LP K380
Maßzeichnung
(Maße in mm, wenn nicht anders angegeben)
Package Outlines
(Dimensions in mm, unless otherwise specified)
Kathodenkennzeichnung:
Kürzerer Lötspieß
Cathode mark:
Short solder lead
Relativer Lichtstrom
Φ
VV(25
°C) = ƒ (TA)
Relative luminous flux
I
F = 15 mA


Similar Part No. - Q62703-Q0760

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62703-Q1031 SIEMENS-Q62703-Q1031 Datasheet
34Kb / 4P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
Q62703-Q1038 SIEMENS-Q62703-Q1038 Datasheet
441Kb / 7P
   SOT-23 MULTILED, Diffused
Q62703-Q1088 SIEMENS-Q62703-Q1088 Datasheet
66Kb / 7P
   GaAlAs-IR-Lumineszenzdioden 880 nm GaAlAs Infrared Emitters 880 nm
Q62703-Q1089 SIEMENS-Q62703-Q1089 Datasheet
66Kb / 7P
   GaAlAs-IR-Lumineszenzdioden 880 nm GaAlAs Infrared Emitters 880 nm
Q62703-Q1090 SIEMENS-Q62703-Q1090 Datasheet
34Kb / 5P
   GaAlAs-IR-Lumineszenzdiode GaAlAs Infrared Emitter
More results

Similar Description - Q62703-Q0760

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSGK370 SIEMENS-LSGK370 Datasheet
552Kb / 8P
   Multi ARGUS LED 3 mm T1 LED, Non Diffused
LSK382 SIEMENS-LSK382 Datasheet
471Kb / 8P
   Super ARGUS LED High-Current, 3 mm T1 LED, Non Diffused
LSK376 SIEMENS-LSK376 Datasheet
364Kb / 7P
   Hyper ARGUS LED Hyper-Bright, 3 mm T1 LED, Non Diffused
LSK389 SIEMENS-LSK389 Datasheet
403Kb / 7P
   LC ARGUS LED Low current 3 mm T1 LED, Non Diffused
LSGK372 SIEMENS-LSGK372 Datasheet
492Kb / 8P
   Super Multi ARGUS LED High-Current, 3 mm T1 LED, Non Diffused
LHK376 SIEMENS-LHK376 Datasheet
245Kb / 6P
   Hyper ARGUS LED Hyper-Bright, 3 mm T1, TS GaAIAs LED, Non Diffused
LS3340 SIEMENS-LS3340 Datasheet
520Kb / 8P
   3 mm (T1) LED, Non Diffused
logo
OSRAM GmbH
LSK380 OSRAM-LSK380_02 Datasheet
114Kb / 10P
   3 mm (T1) LED, Non Diffused
logo
Siemens Semiconductor G...
LSP380 SIEMENS-LSP380 Datasheet
270Kb / 8P
   Plane 3 mm (T1) LED, Non Diffused
LS3341 SIEMENS-LS3341 Datasheet
320Kb / 7P
   3 mm T1 LED, Non Diffused Super-Bright LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com