Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM6706BJ10 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MCM6706BJ10
Description  32K x 8 Bit Static Random Access Memory
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6706BJ10 Datasheet(HTML) 5 Page - Motorola, Inc

  MCM6706BJ10 Datasheet HTML 1Page - Motorola, Inc MCM6706BJ10 Datasheet HTML 2Page - Motorola, Inc MCM6706BJ10 Datasheet HTML 3Page - Motorola, Inc MCM6706BJ10 Datasheet HTML 4Page - Motorola, Inc MCM6706BJ10 Datasheet HTML 5Page - Motorola, Inc MCM6706BJ10 Datasheet HTML 6Page - Motorola, Inc MCM6706BJ10 Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MCM6706B
5
MOTOROLA FAST SRAM
WRITE CYCLE 1 (W Controlled, See Notes 1 and 2)
MCM6706B–8
MCM6706B–10
MCM6706B–12
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Unit
Notes
Write Cycle Time
tAVAV
8
10
12
ns
3
Address Setup Time
tAVWL
0
0
0
ns
Address Valid to End of Write
tAVWH
8
9
10
ns
Write Pulse Width
tWLWH,
tWLEH
8
9
10
ns
Data Valid to End of Write
tDVWH
4
5
6
ns
Data Hold Time
tWHDX
0
0
0
ns
Write Low to Data High–Z
tWLQZ
4
5
6
ns
4, 5, 6
Wirte High to Output Active
tWHQX
3
3
3
ns
4, 5, 6
Write Recovery Time
tWHAX
0
0
0
ns
NOTES:
1. A write occurs during the overlap of E low and W low.
2. Product sensitivites to noise require proper grounding and decoupling of power supplies as well as minimization or elimination of bus
contention conditions during read and write cycles.
3. All write cycle timings are referenced from the last valid address to the first transitioning address.
4. Transition is measured 200 mV from steady–state voltage with load of Figure 1b.
5. Parameter is sampled and not 100% tested.
6. At any given voltage and temperature, tWLQZ max is < tWHQX min both for a given device and from device to device.
WRITE CYCLE 1
Q (DATA OUT)
D (DATA IN)
W (WRITE ENABLE)
E (CHIP ENABLE)
A (ADDRESS)
DATA VALID
HIGH–Z
tAVAV
tWHDX
tWHQX
HIGH–Z
tWHAX
tAVWH
tWLQZ
tAVWL
tDVWH
tWLWH
tWLEH


Similar Part No. - MCM6706BJ10

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6706BR MOTOROLA-MCM6706BR Datasheet
114Kb / 7P
   32K x 8 Bit Static Random Access Memory
MCM6706BRJ6 MOTOROLA-MCM6706BRJ6 Datasheet
114Kb / 7P
   32K x 8 Bit Static Random Access Memory
MCM6706BRJ6R MOTOROLA-MCM6706BRJ6R Datasheet
114Kb / 7P
   32K x 8 Bit Static Random Access Memory
MCM6706BRJ7R MOTOROLA-MCM6706BRJ7R Datasheet
114Kb / 7P
   32K x 8 Bit Static Random Access Memory
MCM6706BRJ8 MOTOROLA-MCM6706BRJ8 Datasheet
114Kb / 7P
   32K x 8 Bit Static Random Access Memory
More results

Similar Description - MCM6706BJ10

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6706CR MOTOROLA-MCM6706CR Datasheet
106Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6706R MOTOROLA-MCM6706R Datasheet
151Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6706AR MOTOROLA-MCM6706AR Datasheet
152Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6706BR MOTOROLA-MCM6706BR Datasheet
114Kb / 7P
   32K x 8 Bit Static Random Access Memory
MCM60L256A-C MOTOROLA-MCM60L256A-C Datasheet
348Kb / 8P
   32K x 8 Bit CMOS Static Random Access Memory
MCM6246 MOTOROLA-MCM6246 Datasheet
126Kb / 8P
   512K x 8 Bit Static Random Access Memory
MCM6226BB MOTOROLA-MCM6226BB Datasheet
156Kb / 8P
   128K x 8 Bit Static Random Access Memory
MCM6726D MOTOROLA-MCM6726D Datasheet
117Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
logo
ACCUTEK MICROCIRCUIT CO...
AK68512D ACCUTEK-AK68512D Datasheet
95Kb / 2P
   524,288 x 8 Bit CMOS Static Random Access Memory
AK68512D1C ACCUTEK-AK68512D1C Datasheet
128Kb / 2P
   524,288 x 8 Bit CMOS Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com