Electronic Components Datasheet Search |
|
UT9564G-S08-T Datasheet(PDF) 1 Page - Unisonic Technologies |
|
UT9564G-S08-T Datasheet(HTML) 1 Page - Unisonic Technologies |
1 / 4 page UNISONIC TECHNOLOGIES CO., LTD UT9564 Preliminary Power MOSFET www.unisonic.com.tw 1 of 4 Copyright © 2011 Unisonic Technologies Co., Ltd QW-R502-390.c P-CHANNEL ENHANCEMENT MODE POWER MOSFET DESCRIPTION The UTC UT9564 is a P-ch enhancement mode power MOSFET and it uses UTC perfect technology to provide customers with fast switching, ruggedized device design, low on-resistance and cost-effectiveness. The UTC UT9564 is ideal for applications such as low voltage applications, DC/DC converters and all commercial-industrial surface mount applications. FEATURES * Simple Drive Requirement * Fast Switching Speed * Low On-Resistance SYMBOL TO-252 SOP-8 1 ORDERING INFORMATION Ordering Number Pin Assignment Lead Free Halogen Free Package 12 3456 7 8 Packing UT9564L-TN3-R UT9564G-TN3-R TO-252 G D S - - - - - Tape Reel UT9564L-S08-R UT9564G-S08-R SOP-8 S S S G D D D D Tape Reel UT9564L-S08-T UT9564G-S08-T SOP-8 S S S G D D D D Tube |
Similar Part No. - UT9564G-S08-T |
|
Similar Description - UT9564G-S08-T |