Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UT3413G-AE3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT3413G-AE3-R
Description  P-CHANNEL ENHANCEMENT MODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3413G-AE3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UT3413G-AE3-R Datasheet HTML 1Page - Unisonic Technologies UT3413G-AE3-R Datasheet HTML 2Page - Unisonic Technologies UT3413G-AE3-R Datasheet HTML 3Page - Unisonic Technologies UT3413G-AE3-R Datasheet HTML 4Page - Unisonic Technologies UT3413G-AE3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UT3413
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R502-159.E
ABSOLUTE MAXIMUM RATINGS (Ta = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATING
UNITS
Drain-Source Voltage
VDSS
-20
V
Gate-Source Voltage
VGSS
±8
V
Continuous Drain Current (Note 3)
ID
-3
A
Pulsed Drain Current (Note 1, 2)
IDM
-15
A
Power Dissipation
PD
1.4
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Junction to Ambient (Note 3)
θJA
70
90
°C/W
ELECTRICAL CHARACTERISTICS (TJ =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS =0V, ID =-250µA
-20
V
Drain-Source Leakage Current
IDSS
VDS =-16V, VGS =0 V
-1
µA
Gate-Source Leakage Current
IGSS
VDS =0V, VGS = ±8 V
±100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS =VGS, ID =-250 µA
-0.3
-0.55
-1
V
VGS =-4.5 V, ID =-3 A
81
97
mΩ
VGS =-2.5 V, ID =-2.6 A
108
130
mΩ
Drain-Source On-State Resistance(Note 2)
RDS(ON)
VGS =-1.8 V, ID =-1A
146
190
mΩ
DYNAMIC PARAMETERS
Input Capacitance
CISS
540
pF
Output Capacitance
COSS
72
pF
Reverse Transfer Capacitance
CRSS
VDS =-10 V, VGS =0V, f=1MHz
49
pF
SWITCHING PARAMETERS
Turn-ON Delay Time (Note 2)
tD(ON)
10
ns
Turn-ON Rise Time
tR
12
ns
Turn-OFF Delay Time
tD(OFF)
44
ns
Turn-OFF Fall Time
tF
VGS=-4.5V,VDS=-10V,
RL=3.3Ω, RGEN =3Ω
22
ns
Total Gate Charge (Note 2)
QG
6.1
nC
Gate-Source Charge
QGS
0.6
nC
Gate-Drain Charge
QGD
VDS=-10V, VGS =-4.5V, ID=-3A
1.6
nC
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward
Voltage(Note2)
VSD
IS=-1A, VGS=0V
-0.78
-1
V
Maximum Continuous Drain-Source Diode
Forward Current
IS
-2
A
Reverse Recovery Time
tRR
21
ns
Reverse Recovery Charge
QRR
IF=-3 A, dI/dt=100A/μs
7.5
nC
Note: 1. Pulse width limited by TJ(MAX)
2. Pulse width ≤300μs, duty cycle ≤2%.
3. Surface mounted on 1 in
2 copper pad of FR4 board


Similar Part No. - UT3413G-AE3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT3413G-AE3-R UTC-UT3413G-AE3-R Datasheet
251Kb / 5P
   P-CHANNEL ENHANCEMENT MODE
logo
VBsemi Electronics Co.,...
UT3413G-AE3-R VBSEMI-UT3413G-AE3-R Datasheet
471Kb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

Similar Description - UT3413G-AE3-R

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
VP0808L-G SUTEX-VP0808L-G Datasheet
575Kb / 3P
   P-Channel Enhancement-Mode P-Channel Enhancement-Mode
logo
Advanced Power Electron...
AP3310H A-POWER-AP3310H Datasheet
86Kb / 6P
   P-CHANNEL ENHANCEMENT MODE
AP9563H A-POWER-AP9563H Datasheet
78Kb / 4P
   P-CHANNEL ENHANCEMENT MODE
AP4407S A-POWER-AP4407S Datasheet
79Kb / 4P
   P-CHANNEL ENHANCEMENT MODE
AP4435M A-POWER-AP4435M Datasheet
85Kb / 6P
   P-CHANNEL ENHANCEMENT MODE
AP9575H A-POWER-AP9575H Datasheet
77Kb / 4P
   P-CHANNEL ENHANCEMENT MODE
logo
Unisonic Technologies
UT3401Z UTC-UT3401Z Datasheet
307Kb / 5P
   P-CHANNEL ENHANCEMENT MODE
UT4411 UTC-UT4411 Datasheet
267Kb / 6P
   P-CHANNEL ENHANCEMENT MODE
logo
Linear Integrated Syste...
3N163-4 LINEAR-3N163-4 Datasheet
18Kb / 2P
   P-CHANNEL ENHANCEMENT MODE
logo
Alpha & Omega Semicondu...
AO6409AL AOSMD-AO6409AL Datasheet
285Kb / 5P
   P-Channel Enhancement Mode
logo
Unisonic Technologies
UT9435 UTC-UT9435 Datasheet
192Kb / 4P
   P-CHANNEL ENHANCEMENT MODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com