Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UT2309A Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT2309A
Description  P-CHANNEL ENHANCEMENT MODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT2309A Datasheet(HTML) 2 Page - Unisonic Technologies

  UT2309A Datasheet HTML 1Page - Unisonic Technologies UT2309A Datasheet HTML 2Page - Unisonic Technologies UT2309A Datasheet HTML 3Page - Unisonic Technologies UT2309A Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UT2309A
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R502-148.A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
-30
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 3)
ID
-3.7
A
Pulsed Drain Current (Note 1, 2)
IDM
-12
A
Total Power Dissipation
PD
1.38
W
Junction Temperature
TJ
+150
Storage Temperature
TSTG
-55 ~ +150
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Junction to Ambient (Note 3)
θJA
90
/W
ELECTRICAL CHARACTERISTICS (TJ =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS =0 V, ID =-250 µA
-30
V
Drain-Source Leakage Current
IDSS
VDS=-30V, VGS=0V
-0.5
uA
Gate-Source Leakage Current
IGSS
VGS= ±20V
5
nA
Breakdown Voltage Temperature Coefficient ΔBVDSS/∆TJ Reference to 25℃, ID=-1mA
-0.02
V/℃
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=-250uA
-1
-3
V
VGS=-10V, ID=-5A
65
mΩ
Static Drain-Source On-Resistance (Note 2)
RDS(ON)
VGS=-4.5V, ID=-5A
85
mΩ
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
412
660
Output Capacitance
COSS
91
Reverse Transfer Capacitance
CRSS
VGS=0V,VDS=-25V,f=1.0MHz
62
pF
SWITCHING CHARACTERISTICS
Turn-ON Delay Time (Note 2)
tD(ON)
8
Turn-ON Rise Time
tR
5
Turn-OFF Delay Time
tD(OFF)
20
Turn-OFF Fall Time
tF
VDS=-15V,ID=-1A,RG=3.3Ω,
VGS=-10V,RD=15Ω
7
ns
Total Gate Charge (Note 2)
QG
5
8
Gate-Source Charge
QGS
1
Gate-Drain Charge
QGD
VDS=-24V, VGS=-4.5V, ID=-3A
3
nC
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Forward On Voltage
VSD
IS=-1A, VGS=0V
-0.76 -1.2
V
Reverse Recovery Time
tRR
20
ns
Reverse Recovery Charge
QRR
IS=-3A, VGS=0V,
dI/dt=-100A/µs
15
nC
Notes: 1. Pulse width limited by TJ(MAX)
2.Pulse width ≤300us , duty cycle ≤2%.
3.Surface mounted on 1 in
2 copper pad of FR4 board.


Similar Part No. - UT2309A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT2309 UTC-UT2309 Datasheet
224Kb / 4P
   P-CHANNEL ENHANCEMENT MODE
UT2309G-AE3-R UTC-UT2309G-AE3-R Datasheet
224Kb / 4P
   P-CHANNEL ENHANCEMENT MODE
logo
VBsemi Electronics Co.,...
UT2309G-AE3-R VBSEMI-UT2309G-AE3-R Datasheet
491Kb / 9P
   P-Channel 30 V (D-S) MOSFET
logo
Unisonic Technologies
UT2309L-AE3-R UTC-UT2309L-AE3-R Datasheet
224Kb / 4P
   P-CHANNEL ENHANCEMENT MODE
logo
VBsemi Electronics Co.,...
UT2309L-AE3-R VBSEMI-UT2309L-AE3-R Datasheet
502Kb / 9P
   P-Channel 30 V (D-S) MOSFET
More results

Similar Description - UT2309A

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
VP0808L-G SUTEX-VP0808L-G Datasheet
575Kb / 3P
   P-Channel Enhancement-Mode P-Channel Enhancement-Mode
logo
Advanced Power Electron...
AP3310H A-POWER-AP3310H Datasheet
86Kb / 6P
   P-CHANNEL ENHANCEMENT MODE
AP9563H A-POWER-AP9563H Datasheet
78Kb / 4P
   P-CHANNEL ENHANCEMENT MODE
AP4407S A-POWER-AP4407S Datasheet
79Kb / 4P
   P-CHANNEL ENHANCEMENT MODE
AP4435M A-POWER-AP4435M Datasheet
85Kb / 6P
   P-CHANNEL ENHANCEMENT MODE
AP9575H A-POWER-AP9575H Datasheet
77Kb / 4P
   P-CHANNEL ENHANCEMENT MODE
logo
Unisonic Technologies
UT3401Z UTC-UT3401Z Datasheet
307Kb / 5P
   P-CHANNEL ENHANCEMENT MODE
UT4411 UTC-UT4411 Datasheet
267Kb / 6P
   P-CHANNEL ENHANCEMENT MODE
logo
Linear Integrated Syste...
3N163-4 LINEAR-3N163-4 Datasheet
18Kb / 2P
   P-CHANNEL ENHANCEMENT MODE
logo
Alpha & Omega Semicondu...
AO6409AL AOSMD-AO6409AL Datasheet
285Kb / 5P
   P-Channel Enhancement Mode
logo
Unisonic Technologies
UT9435 UTC-UT9435 Datasheet
192Kb / 4P
   P-CHANNEL ENHANCEMENT MODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com