Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMT2N7002X Datasheet(PDF) 1 Page - Champion Microelectronic Corp.

Part # CMT2N7002X
Description  SMALL SIGNAL MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CMT2N7002X Datasheet(HTML) 1 Page - Champion Microelectronic Corp.

  CMT2N7002X Datasheet HTML 1Page - Champion Microelectronic Corp. CMT2N7002X Datasheet HTML 2Page - Champion Microelectronic Corp. CMT2N7002X Datasheet HTML 3Page - Champion Microelectronic Corp. CMT2N7002X Datasheet HTML 4Page - Champion Microelectronic Corp. CMT2N7002X Datasheet HTML 5Page - Champion Microelectronic Corp. CMT2N7002X Datasheet HTML 6Page - Champion Microelectronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CMT2N7002
SMALL SIGNAL MOSFET
2010/03/23 Rev. 1.9
Champion Microelectronic Corporation
Page 1
GENERAL DESCRIPTION
FEATURES
This N-Channel enhancement mode field effect transistor is
produced using high cell density, DMOS technology. These
products have been designed to minimize on-state resistance
while provide rugged, reliable, and fast switching performance.
It can be used in most applications requiring up to 115mA DC
and can deliver pulsed currents up to 800mA. This product is
particularly suited for low voltage, low current applications such
as small servo motor control, power MOSFET gate drivers, and
other switching applications.
High Density Cell Design for Low RDS(ON)
Voltage Controlled Small Signal Switch
Rugged and Reliable
High Saturation Current Capability
PIN CONFIGURATION
SYMBOL
SOT-23, SOT-323
SOT-363
Top View
Top View
D2
G1
S1
1
3
2
S2
G2
D1
D
S
G
N-Channel MOSFET
ORDERING INFORMATION
Part Number
Package
CMT2N7002
SOT-23
CMT2N7002G*
SOT-23
CMT2N7002WG*
SOT-323
CMT2N7002DWG*
SOT-363
CMT2N7002X*
SOT-23
CMT2N7002WX*
SOT-323
CMT2N7002DWX*
SOT-363
*Note: G : Suffix for Pb Free Product
W: Suffix for Package SOT-323
X : Suffix for Halogen Free Product
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Drain Source Voltage
VDSS
60
V
Drain-Gate Voltage (RGS = 1.0MΩ)
VDGR
60
V
Drain to Current - Continuous
Pulsed
ID
IDM
115
800
mA
Gate-to-Source Voltage - Continue
Non-repetitive
VGS
VGSM
±20
±40
V
V
Total Power Dissipation
Derate above 25℃
PD
225
1.8
mW
mW/℃
Single Pulse Drain-to-Source Avalanche Energy - TJ = 25℃
(VDD = 50V, VGS = 10V, IAS = 0.8A, L = 30mH, RG = 25Ω)
EAS
9.6
mJ
Operating and Storage Temperature Range
TJ, TSTG
-55 to 150
Thermal Resistance - Junction to Ambient
θJA
417
/W
Maximum Lead Temperature for Soldering Purposes, 1/8” from case for 10 seconds
TL
300


Similar Part No. - CMT2N7002X

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CMT2N7002X CHAMP-CMT2N7002X Datasheet
213Kb / 6P
   SMALL SIGNAL MOSFET
More results

Similar Description - CMT2N7002X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BS170 ONSEMI-BS170 Datasheet
52Kb / 4P
   Small Signal MOSFET Small Signal MOSFET Small Signal MOSFET
April, 2004 ??Rev. 4
logo
List of Unclassifed Man...
CMT2N7000 ETC1-CMT2N7000 Datasheet
118Kb / 5P
   Small Signal MOSFET
logo
Leshan Radio Company
L2N7002KWT1G LRC-L2N7002KWT1G_15 Datasheet
685Kb / 6P
   Small Signal MOSFET
LNTA7002NT1G LRC-LNTA7002NT1G_15 Datasheet
410Kb / 5P
   Small Signal MOSFET
logo
ON Semiconductor
NTR5103N ONSEMI-NTR5103N_16 Datasheet
133Kb / 5P
   Small Signal MOSFET
October, 2016 ??Rev. 1
NTNS41006PZ ONSEMI-NTNS41006PZ Datasheet
80Kb / 6P
   Small Signal MOSFET
May, 2017 ??Rev. 1
logo
SEMTECH ELECTRONICS LTD...
2N7000 SEMTECH_ELEC-2N7000 Datasheet
148Kb / 2P
   Small Signal MOSFET
logo
ON Semiconductor
NTNS3C94NZ ONSEMI-NTNS3C94NZ_16 Datasheet
71Kb / 6P
   Small Signal MOSFET
December, 2016 ??Rev. 1
NTJS4405N ONSEMI-NTJS4405N_11 Datasheet
135Kb / 5P
   Small Signal MOSFET
October, 2011 ??Rev. 6
NTJD4158C ONSEMI-NTJD4158C_15 Datasheet
91Kb / 7P
   Small Signal MOSFET
Febuary, 2015 ??Rev. 5
NTJD4001N ONSEMI-NTJD4001N_15 Datasheet
72Kb / 5P
   Small Signal MOSFET
May, 2015 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com