Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY5469-FJ Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # LY5469-FJ
Description  LC 5 mm T1 3/4 LED, Diffused Low Current LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LY5469-FJ Datasheet(HTML) 7 Page - Siemens Semiconductor Group

  LY5469-FJ Datasheet HTML 1Page - Siemens Semiconductor Group LY5469-FJ Datasheet HTML 2Page - Siemens Semiconductor Group LY5469-FJ Datasheet HTML 3Page - Siemens Semiconductor Group LY5469-FJ Datasheet HTML 4Page - Siemens Semiconductor Group LY5469-FJ Datasheet HTML 5Page - Siemens Semiconductor Group LY5469-FJ Datasheet HTML 6Page - Siemens Semiconductor Group LY5469-FJ Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Semiconductor Group
7
Maßzeichnung
(Maße in mm, wenn nicht anders angegeben)
Package Outlines
(Dimensions in mm, unless otherwise specified)
Kathodenkennzeichnung:
Kürzerer Lötspieß
Cathode mark:
Short solder lead
LS 5469, LY 5469, LG 5469


Similar Part No. - LY5469-FJ

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LY5460-HL SIEMENS-LY5460-HL Datasheet
430Kb / 8P
   5 mm (T1 3/4) LED, Diffused
LY5460-J SIEMENS-LY5460-J Datasheet
430Kb / 8P
   5 mm (T1 3/4) LED, Diffused
LY5460-JM SIEMENS-LY5460-JM Datasheet
430Kb / 8P
   5 mm (T1 3/4) LED, Diffused
LY5460-K SIEMENS-LY5460-K Datasheet
430Kb / 8P
   5 mm (T1 3/4) LED, Diffused
LY5460-L SIEMENS-LY5460-L Datasheet
430Kb / 8P
   5 mm (T1 3/4) LED, Diffused
More results

Similar Description - LY5469-FJ

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LS3369 SIEMENS-LS3369 Datasheet
126Kb / 7P
   LC 3 mm T1 LED, Diffused Low Current LED
LSK389 SIEMENS-LSK389 Datasheet
403Kb / 7P
   LC ARGUS LED Low current 3 mm T1 LED, Non Diffused
LR5360 SIEMENS-LR5360 Datasheet
433Kb / 8P
   5 mm (T1 3/4) LED, Diffused
LR5460 SIEMENS-LR5460 Datasheet
430Kb / 8P
   5 mm (T1 3/4) LED, Diffused
LS5420 SIEMENS-LS5420 Datasheet
350Kb / 7P
   5 mm (T1 3/4) LED, Non Diffused
LR5480 SIEMENS-LR5480 Datasheet
432Kb / 7P
   5 mm T1 3/4 LED, Diffused Wide-Angle LED
LRH380 SIEMENS-LRH380 Datasheet
437Kb / 8P
   Symbol LED 5 mm T1 3/4 LED, Partly Diffused
LR5380 SIEMENS-LR5380 Datasheet
349Kb / 7P
   5 mm T1 3/4 LED, Diffused Wide-Angle LED
LS5421 SIEMENS-LS5421 Datasheet
405Kb / 8P
   5 mm T1 3/4 LED, Non Diffused Super-Bright LED
LR3360 SIEMENS-LR3360 Datasheet
229Kb / 8P
   3 mm (T1) LED, Diffused
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com