Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM6802AH Datasheet(PDF) 11 Page - Champion Microelectronic Corp.

Part # CM6802AH
Description  EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM6802AH Datasheet(HTML) 11 Page - Champion Microelectronic Corp.

Back Button CM6802AH Datasheet HTML 7Page - Champion Microelectronic Corp. CM6802AH Datasheet HTML 8Page - Champion Microelectronic Corp. CM6802AH Datasheet HTML 9Page - Champion Microelectronic Corp. CM6802AH Datasheet HTML 10Page - Champion Microelectronic Corp. CM6802AH Datasheet HTML 11Page - Champion Microelectronic Corp. CM6802AH Datasheet HTML 12Page - Champion Microelectronic Corp. CM6802AH Datasheet HTML 13Page - Champion Microelectronic Corp. CM6802AH Datasheet HTML 14Page - Champion Microelectronic Corp. CM6802AH Datasheet HTML 15Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
CM6802A/B/AH/BH (Dynamic Soft PFC/Green PWM)
http://www.championmicro.com.tw
EPA/80++ ZVS-Like PFC/PWM COMBO CONTROLLER
Design for High Efficient Power Supply at both Full Load and Light Load
2012/05/10 Rev. 1.5
Champion Microelectronic Corporation
11
Output step load 10% to 100% load at 230Vac
Output step 100% load to 10% load at 230Vac
Ch1 is 380V bulk cap voltage which is 100V/div.
Ch1 is 380V bulk cap voltage which is 100V/div.
Ch2 is VCC,Ch3 is SS(soft start pin),CH4 is Vo(12V)
Ch2 is VCC,Ch3 is SS(soft start pin),CH4 is Vo(12V)
AC power cycling :
90VAC turn on 500ms turn off 100ms at 10%LOAD
Ch2 is AC input voltage which is 100V/div.
Ch3 is PFC stage Mosfet Drain current(zoom out)
Ch3 is PFC stage Mosfet drain current, CH4 is Vo(12V)
90VAC turn on 500ms turn off 100ms at 100%LOAD
Ch2 is AC input voltage which is 100V/div.
Ch3 is PFC stage Mosfet Drain current(zoom out)
Ch3 is PFC stage Mosfet drain current, CH4 is Vo(12V)


Similar Part No. - CM6802AH

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM6802AH CHAMP-CM6802AH Datasheet
820Kb / 25P
   EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
CM6802AHGIP CHAMP-CM6802AHGIP Datasheet
820Kb / 25P
   EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
CM6802AHGIS CHAMP-CM6802AHGIS Datasheet
820Kb / 25P
   EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
CM6802AHGISTR CHAMP-CM6802AHGISTR Datasheet
820Kb / 25P
   EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
CM6802AHXIP CHAMP-CM6802AHXIP Datasheet
820Kb / 25P
   EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
More results

Similar Description - CM6802AH

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM6802A CHAMP-CM6802A Datasheet
820Kb / 25P
   EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
CM6802SAH CHAMP-CM6802SAH Datasheet
827Kb / 25P
   EPA/85 ZVS-Like PFCPWM COMBO CONTROLLER
CM6800T CHAMP-CM6800T Datasheet
852Kb / 27P
   EPA/85 PFCPWM COMBO CONTROLLER
CM6502S CHAMP-CM6502S Datasheet
326Kb / 20P
   EPA/90 ZVS-Like PFC CONTROLLER Design for High Efficient Power Supply at both Full Load and Light Load
logo
Fairchild Semiconductor
FAN4822 FAIRCHILD-FAN4822 Datasheet
71Kb / 10P
   ZVS Average Current PFC Controller
logo
Micro Linear Corporatio...
ML4822 MICRO-LINEAR-ML4822 Datasheet
201Kb / 10P
   ZVS Average Current PFC Controller
logo
Fairchild Semiconductor
ML4805 FAIRCHILD-ML4805 Datasheet
125Kb / 13P
   Variable Feedforward PFC/PWM Controller Combo
ML4841 FAIRCHILD-ML4841 Datasheet
129Kb / 15P
   Variable Feedforward PFC/PWM Controller Combo
ML4801 FAIRCHILD-ML4801 Datasheet
160Kb / 14P
   Variable Feedforward PFC/PWM Controller Combo
logo
Micro Linear Corporatio...
ML4805 MICRO-LINEAR-ML4805 Datasheet
152Kb / 13P
   Variable Feedforward PFC/PWM Controller Combo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com