Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM6805BO Datasheet(PDF) 3 Page - Champion Microelectronic Corp.

Part # CM6805BO
Description  10-PIN Green-Mode PFC/PWM Combo CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM6805BO Datasheet(HTML) 3 Page - Champion Microelectronic Corp.

  CM6805BO_10 Datasheet HTML 1Page - Champion Microelectronic Corp. CM6805BO_10 Datasheet HTML 2Page - Champion Microelectronic Corp. CM6805BO_10 Datasheet HTML 3Page - Champion Microelectronic Corp. CM6805BO_10 Datasheet HTML 4Page - Champion Microelectronic Corp. CM6805BO_10 Datasheet HTML 5Page - Champion Microelectronic Corp. CM6805BO_10 Datasheet HTML 6Page - Champion Microelectronic Corp. CM6805BO_10 Datasheet HTML 7Page - Champion Microelectronic Corp. CM6805BO_10 Datasheet HTML 8Page - Champion Microelectronic Corp. CM6805BO_10 Datasheet HTML 9Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CM6805BO
10-PIN Green-Mode PFC/PWM Combo CONTROLLER
2010/04/20 Rev 1.3
Champion Microelectronic Corporation
Page 3
BLOCK DIAGRAM
5.5V
5V
PWM CLK
2.5V
2.25V
PFCOUT
9
ISENSE
3
-1V
VCC
8
+
-
.
V To Ramp
+
-
.
PWMCLK
FAULT
GND
1
..
400K
SUM
UVB
40K
V+I
6
IAC
VFB
+
-
.
-
PFC ILIMIT
VFB
5
1.5V
IAC
2
BROKENWIRE
S
R2
Q
Q
R1
-
+
.
+
PFCOFFB
7
GND
0.5V
10mS
..
PFC OVP
+
-
.
-
100K
PWM CMP
VCC
1.1V
UVLO
..
PFC CLK
PROTECTED BY PATENT
UVB
+
-
.
SHUTDOWN PFC
VREFDK
PFC CMP
VREFDK
PWMOUT
10
-
+
.
GMV
2.5V
S
R
Q
Q
R
fpfc=100KHz
VIN-OK
+
-
.
-
2.75V
SS
SOFT START
.VEAO
4
PFCCLK
PWMCLK
.
.
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum ratings are those values beyond which the device could be permanently damaged.
Parameter
Min.
Max.
Units
VCC MAX
20
V
IAC
GND-0.3
7.0
V
ISENSE Voltage
-5
0.7
V
PFC OUT
GND – 0.3
VCC + 0.3
V
PWM OUT
GND – 0.3
VCC + 0.3
V
VEAO
0
6.3
V
PFCOFFB
GND – 0.3
VCC + 0.3
V
Voltage on Any Other Pin
GND-0.3
VCC + 0.3
V
ICC Current (Average)
40
mA
Peak PFC OUT Current, Source or Sink
0.5
A
Peak PWM OUT Current, Source or Sink
0.5
A
PFC OUT, PWM OUT Energy Per Cycle
1.5
μJ
Junction Temperature
150
Storage Temperature Range
-65
150
Operating Temperature Range
-40
125
Lead Temperature (Soldering, 10 sec)
260
Thermal Resistance (θJA)
80
/W


Similar Part No. - CM6805BO_10

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM6805BOGIR CHAMP-CM6805BOGIR Datasheet
255Kb / 15P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER
More results

Similar Description - CM6805BO_10

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM6805BO CHAMP-CM6805BO Datasheet
255Kb / 15P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER
CM6805A CHAMP-CM6805A_10 Datasheet
203Kb / 15P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER
CM6805A CHAMP-CM6805A Datasheet
256Kb / 15P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER
logo
Fairchild Semiconductor
ML4802 FAIRCHILD-ML4802 Datasheet
285Kb / 15P
   PFC/PWM Controller Combo with Green Mode
logo
Micro Linear Corporatio...
ML4802 MICRO-LINEAR-ML4802 Datasheet
299Kb / 15P
   PFC/PWM Controller Combo with Green Mode
logo
Champion Microelectroni...
CM6805 CHAMP-CM6805 Datasheet
438Kb / 16P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER for High Density AC Adapter
CM6807 CHAMP-CM6807 Datasheet
391Kb / 16P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER for High Density AC Adapter
CM6807 CHAMP-CM6807_10 Datasheet
223Kb / 16P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER for High Density AC Adapter
CM6903 CHAMP-CM6903 Datasheet
257Kb / 14P
   Low Pin Count PFC/PWM Controller Combo
logo
Fairchild Semiconductor
FAN4803CP2 FAIRCHILD-FAN4803CP2 Datasheet
116Kb / 12P
   8-Pin PFC and PWM Controller Combo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com