Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM6805A Datasheet(PDF) 7 Page - Champion Microelectronic Corp.

Part # CM6805A
Description  10-PIN Green-Mode PFC/PWM Combo CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM6805A Datasheet(HTML) 7 Page - Champion Microelectronic Corp.

Back Button CM6805A_10 Datasheet HTML 3Page - Champion Microelectronic Corp. CM6805A_10 Datasheet HTML 4Page - Champion Microelectronic Corp. CM6805A_10 Datasheet HTML 5Page - Champion Microelectronic Corp. CM6805A_10 Datasheet HTML 6Page - Champion Microelectronic Corp. CM6805A_10 Datasheet HTML 7Page - Champion Microelectronic Corp. CM6805A_10 Datasheet HTML 8Page - Champion Microelectronic Corp. CM6805A_10 Datasheet HTML 9Page - Champion Microelectronic Corp. CM6805A_10 Datasheet HTML 10Page - Champion Microelectronic Corp. CM6805A_10 Datasheet HTML 11Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
CM6805A
10-PIN Green-Mode PFC/PWM Combo CONTROLLER
2010/04/20 Rev 1.4
Champion Microelectronic Corporation
Page 7
Functional Description
The CM6805A consists of an ICST (Input Current Shaping
Technique), CCM (Continuous Conduction Mode) or DCM
(Discontinuous Conduction Mode) boost PFC (Power
Factor Correction) front end and a synchronized PWM
(Pulse Width Modulator) back end. The CM6805A is
designed to replace FAN4803 (8 pin SOP package), which
is the second generation of the ML4803 with 8 pin package.
It is distinguished from earlier combo controllers by its low
count, innovative input current shaping technique, and very
low start-up and operating currents. The PWM section is
dedicated to peak current mode operation. It uses
conventional trailing-edge modulation, while the PFC uses
leading-edge
modulation.
This
patented
Leading
Edge/Trailing Edge (LETE) modulation technique helps to
minimize ripple current in the PFC DC bus capacitor.
The main improvements from ML4803 are:
1.
Add Green Mode Functions for both PFC and PWM
2.
Remove the one pin error amplifier and add back the
slew rate enhancement GMv, which is using voltage
input instead of current input. This transconductance
amplifier will increase the transient response 5 to 10
times from the conventional OP
3.
VFB PFC OVP comparator
4.
PFC Tri-Fault Detect for UL1950 compliance and
enhanced safety
5.
A feed forward signal from IAC pin is added to do the
automatic slope compensation. This increases the
signal to noise ratio during the light load; therefore,
THD is improved at light load and high input line
voltage.
6.
CM6805A does not require the bleed resistor and it
uses the more than 800k ohm resistor between IAC
pin and rectified line voltage to feed the initial current
before the chip wakes up.
7.
VIN-OK comparator is added to guaranteed PWM
cannot turn on until VFB reaches 2.5V in which PFC
boost output is about steady state, typical 380V.
8.
A 10mS digital PWM soft start circuit is added
9.
10 pin SOP package
10.
No internal Zener and VCCOVP comparator
The CM6805A operates both PFC and PWM sections at
67.5kHz. This allows the use of smaller PWM magnetic and
output filter components, while minimizing switching losses
in the PFC stage.
Several protection features have been built into the
CM6805A. These include soft-start, redundant PFC over
voltage protection, PFC Tri-Fault Detect, VIN-OK, peak
current limiting, duty cycle limiting, under-voltage lockout,
reference ok comparator PFCOFFB.
Detailed Pin Descriptions
IAC (Pin 2)
Typically,
it
has
a
feed-forward
resistor,
RAC,
4Mega~10Mega ohm resistor connected between this pin
and rectified line input voltage.
The current of RAC will program the automatic slope
compensation for the system. This feed-forward signal can
increase the signal to noise ratio for the light load condition
or the high input line voltage condition.
ISENSE (Pin 3)
This pin ties to a resistor which senses the PFC input
current. This signal should be negative with respect to the IC
ground. It internally feeds the pulse-by-pulse current limit
comparator and the current sense feedback signal. The
ILIMIT trip level is –1V. The ISENSE feedback is internally
multiplied by a gain of four and compared against the internal
programmed ramp to set the PFC duty cycle. The
intersection of the boost inductor current down-slope with the
internal programming ramp determines the boost off-time.
It requires a RC filter between ISENSE and PFC boost
sensing resistor.
VEAO (Pin 4)
This is the PFC slew rate enhanced transconductance
amplifier output which needs to connected with a
compensation network Ground.
VFB (Pin 5)
Besides
this
is
the
PFC
slew
rate
enhanced
transconductance input, it also tie to a couple of protection
comparators, PFCOVP, and PFC Tri-Fault Detect
V + I (Pin 6)
This pin is tied to the primary side PWM current sense
resistor or transformer. It provides the internal pulse-by-pulse
current limit for the PWM stage (which occurs at 1.5V) and
the peak current mode feedback path for the current mode
control of the PWM stage. Besides current information, the
photo-couple also goes into V + I pin. Therefore, it is the
SUM Amplifier input.
Soft Start is around 10mS after the startup(VCC is greater
than 13V).


Similar Part No. - CM6805A_10

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM6805AG CHAMP-CM6805AG Datasheet
438Kb / 16P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER for High Density AC Adapter
CM6805AGIR CHAMP-CM6805AGIR Datasheet
256Kb / 15P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER
CM6805AGIR CHAMP-CM6805AGIR Datasheet
438Kb / 16P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER for High Density AC Adapter
CM6805AIR CHAMP-CM6805AIR Datasheet
438Kb / 16P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER for High Density AC Adapter
More results

Similar Description - CM6805A_10

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM6805BO CHAMP-CM6805BO Datasheet
255Kb / 15P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER
CM6805BO CHAMP-CM6805BO_10 Datasheet
203Kb / 15P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER
CM6805A CHAMP-CM6805A Datasheet
256Kb / 15P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER
logo
Fairchild Semiconductor
ML4802 FAIRCHILD-ML4802 Datasheet
285Kb / 15P
   PFC/PWM Controller Combo with Green Mode
logo
Micro Linear Corporatio...
ML4802 MICRO-LINEAR-ML4802 Datasheet
299Kb / 15P
   PFC/PWM Controller Combo with Green Mode
logo
Champion Microelectroni...
CM6805 CHAMP-CM6805 Datasheet
438Kb / 16P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER for High Density AC Adapter
CM6807 CHAMP-CM6807 Datasheet
391Kb / 16P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER for High Density AC Adapter
CM6807 CHAMP-CM6807_10 Datasheet
223Kb / 16P
   10-PIN Green-Mode PFC/PWM Combo CONTROLLER for High Density AC Adapter
CM6903 CHAMP-CM6903 Datasheet
257Kb / 14P
   Low Pin Count PFC/PWM Controller Combo
logo
Fairchild Semiconductor
FAN4803CP2 FAIRCHILD-FAN4803CP2 Datasheet
116Kb / 12P
   8-Pin PFC and PWM Controller Combo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com