Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UT136F Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT136F
Description  TRIACS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT136F Datasheet(HTML) 2 Page - Unisonic Technologies

  UT136F_11 Datasheet HTML 1Page - Unisonic Technologies UT136F_11 Datasheet HTML 2Page - Unisonic Technologies UT136F_11 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UT136F/G
Preliminary
TRIAC
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R401-021.Ca
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
UT136F/G-5
500 (Note 2)
UT136F/G-6
600 (Note 2)
Repetitive Peak Off-State Voltages
UT136F/G-8
VDRM
800
V
RMS On-State Current Full Sine Wave, Tmb≤107°C
IT(RMS)
4
A
t = 20ms
25
Non-Repetitive Peak On-State Current
(Full Sine Wave, TJ=25°C Prior To Surge) t = 16.7 ms
ITSM
27
A
I
2t For Fusing (t =10ms)
I
2t
3.1
A
2s
T2+ G+
50
T2+ G-
50
T2- G-
50
Repetitive Rate Of Rise Of On-State
Current After Triggering ITM =6A, IG =0.2A,
dIG/dt=0.2A/μs
T2- G+
dIT/dt
10
A/μs
Peak Gate Voltage
VGM
5
V
Peak Gate Current
IGM
2
A
Peak Gate Power
PGM
5
W
Average Gate Power (Over Any 20ms Period)
PG(AV)
0.5
W
Junction Temperature
TJ
125
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Although not recommended, off-state voltages up to 800V may be applied without damage, but the traic
may switch to the on-state. The rate of rise of current should not exceed 3A/
μs.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
TO-220
60
Junction to Ambient
TO-252
θJA
75
K/W
STATIC CHARACTERISTICS (TJ =25°C, unless otherwise specified)
MAX
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
UT136F UT136G
UNIT
T2+G+
5
25
50
T2+G-
8
25
50
T2-G-
11
25
50
Gate Trigger Current
IGT
VD=12V, IT=0.1A
T2-G+
30
70
100
mA
T2+G+
7
20
30
T2+G-
16
30
45
T2-G-
5
20
30
Latching Current
IL
VD=12V, IGT=0.1A
T2-G+
7
30
45
mA
Holding Current
IH
VD=12V, IGT=0.1A
5
15
30
mA
On-State Voltage
VT
IT=5A
1.4
1.70
V
VD=12V, IT=0.1A
0.7
1.5
V
Gate Trigger Voltage
VGT
VD=400V, IT=0.1A, TJ=125°C 0.25
0.4
V
Off-State Leakage Current
ID
VD=VDRM(max), TJ=125°C
0.1
0.5
mA


Similar Part No. - UT136F_11

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT136FE UTC-UT136FE Datasheet
133Kb / 5P
   TRIACS
UT136FF UTC-UT136FF Datasheet
215Kb / 6P
   TRIACS
UT136FF-5-TF3-R UTC-UT136FF-5-TF3-R Datasheet
215Kb / 6P
   TRIACS
UT136FF-5-TF3-R UTC-UT136FF-5-TF3-R Datasheet
215Kb / 6P
   TRIACS
UT136FF-6-TF3-R UTC-UT136FF-6-TF3-R Datasheet
215Kb / 6P
   TRIACS
More results

Similar Description - UT136F_11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
   Triacs Triacs
October 1997 Rev 1.200
logo
Inchange Semiconductor ...
BT138-600 ISC-BT138-600 Datasheet
116Kb / 1P
   Triacs
BT139-600 ISC-BT139-600 Datasheet
117Kb / 1P
   Triacs
BTA16-600B ISC-BTA16-600B Datasheet
61Kb / 1P
   Triacs
logo
Unisonic Technologies
UT137FF UTC-UT137FF Datasheet
144Kb / 5P
   TRIACS
logo
Comset Semiconductor
BT138 COMSET-BT138 Datasheet
171Kb / 3P
   TRIACS
logo
Unisonic Technologies
UT137FE UTC-UT137FE Datasheet
132Kb / 5P
   TRIACS
logo
NXP Semiconductors
BT136 PHILIPS-BT136 Datasheet
45Kb / 6P
   Triacs
August 1997 Rev 1.200
BT136F PHILIPS-BT136F Datasheet
42Kb / 7P
   Triacs
February 1996 Rev 1.100
BT137 PHILIPS-BT137 Datasheet
47Kb / 6P
   Triacs
October 1997 Rev 1.200
BT137B PHILIPS-BT137B Datasheet
51Kb / 6P
   Triacs
October 1997 Rev 1.200
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com