Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLC3800ISO8X Datasheet(PDF) 7 Page - Cadeka Microcircuits LLC.

Part # CLC3800ISO8X
Description  Triple, Standard Definition Video Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC3800ISO8X Datasheet(HTML) 7 Page - Cadeka Microcircuits LLC.

Back Button CLC3800ISO8X Datasheet HTML 3Page - Cadeka Microcircuits LLC. CLC3800ISO8X Datasheet HTML 4Page - Cadeka Microcircuits LLC. CLC3800ISO8X Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC3800ISO8X Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC3800ISO8X Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC3800ISO8X Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC3800ISO8X Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC3800ISO8X Datasheet HTML 10Page - Cadeka Microcircuits LLC. CLC3800ISO8X Datasheet HTML 11Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Data Sheet
©2008-2010 CADEKA Microcircuits LLC
www.cadeka.com
7
Typical Performance Characteristics at VS = 5V
TA = 25°C, Vs = +5V, input is DC-coupled, input source resistance = 37.5Ω, RL = 150Ω thru a 220μF AC-coupling
capacitor, VIN = 1Vpp; unless otherwise noted.
Large Signal Pulse Response
Large Signal Pulse Response
Differential Gain and Phase
Harmonic Distortion vs. Output Voltage
Noise vs. Frequency (SNR)
Crosstalk vs. Frequency
-100
-90
-80
-70
-60
-50
-40
-30
0.1
1
10
Frequency (MHz)
Ch.1 <-> Ch.2
Ch.1 <-> Ch.3
Ch.2 <-> Ch.3
VOUT = 2Vpp
-100
-90
-80
-70
-60
-50
-40
-30
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
Output Amplitude (Vpp)
HD3
HD2
f = 3.58MHz
-0.5
0
0.5
1
1.5
2
2.5
3
-100
0
100
200
300
400
500
600
700
800
900
Time (ns)
Output
Input
Input Rise/Fall Time = 140ns
-0.5
0
0.5
1
1.5
2
2.5
3
-100
0
100
200
300
400
500
600
700
800
900
Time (ns)
Output
Input
Input Rise/Fall Time = 1ns


Similar Part No. - CLC3800ISO8X

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC3800ISO8X CADEKA-CLC3800ISO8X Datasheet
926Kb / 11P
   Triple, Standard Definition Video Amplifiers
More results

Similar Description - CLC3800ISO8X

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC3800 CADEKA-CLC3800 Datasheet
926Kb / 11P
   Triple, Standard Definition Video Amplifiers
logo
Maxim Integrated Produc...
MAX9583 MAXIM-MAX9583 Datasheet
339Kb / 15P
   Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with DC-Coupled Input Buffers
Rev 3; 7/07
MAX9583_0710 MAXIM-MAX9583_0710 Datasheet
336Kb / 15P
   Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with DC-Coupled Input Buffers
Rev 5; 10/07
MAX9584AUA MAXIM-MAX9584AUA Datasheet
342Kb / 15P
   Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with DC-Coupled Input Buffers
Rev 5; 10/07
logo
Savitech Corp.
SV5104C SAVITECH-SV5104C Datasheet
213Kb / 8P
   Standard Definition Video Driver
logo
Maxim Integrated Produc...
MAX9517 MAXIM-MAX9517 Datasheet
347Kb / 22P
   Standard-Definition Video Filter Amplifiers with Dual SPST Switches
Rev 0; 9/07
logo
Savitech Corp.
SV5108B SAVITECH-SV5108B Datasheet
333Kb / 8P
   Standard Definition Video Driver
SV5108 SAVITECH-SV5108 Datasheet
382Kb / 9P
   Standard Definition Video Driver
logo
Maxim Integrated Produc...
MAX9586 MAXIM-MAX9586 Datasheet
413Kb / 18P
   Single, Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with AC-Coupled Input Buffers
Rev 3; 6/07
MAX9586_0710 MAXIM-MAX9586_0710 Datasheet
428Kb / 18P
   Single, Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with AC-Coupled Input Buffers
Rev 5; 10/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com