Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UT70P03G-TA3-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UT70P03G-TA3-T
Description  75A, 30V P-CHANNEL POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT70P03G-TA3-T Datasheet(HTML) 3 Page - Unisonic Technologies

  UT70P03G-TA3-T Datasheet HTML 1Page - Unisonic Technologies UT70P03G-TA3-T Datasheet HTML 2Page - Unisonic Technologies UT70P03G-TA3-T Datasheet HTML 3Page - Unisonic Technologies UT70P03G-TA3-T Datasheet HTML 4Page - Unisonic Technologies UT70P03G-TA3-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UT70P03
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-210.F
TYPICAL CHARACTERISTICS
0.5
-50
25
100
175
13
11
24
6
812
On-Resistance vs. Gate Voltage
Gate-to-Source Voltage,-VGS (V)
Normalized On-Resistance vs.
Junction Temperature
Junction Temperature,TJ (°С)
1.0
1.5
2.0
ID=-20A
VG=-10V
ID=-20A
TC=25°С
10
9
7
5
3


Similar Part No. - UT70P03G-TA3-T

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
UT70P03L-TN3-R VBSEMI-UT70P03L-TN3-R Datasheet
1Mb / 8P
   P-Channel 30 V (D-S) MOSFET
More results

Similar Description - UT70P03G-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT75P03 UTC-UTT75P03 Datasheet
136Kb / 3P
   75A, 30V P-CHANNEL POWER MOSFET
UT75N03 UTC-UT75N03 Datasheet
132Kb / 3P
   75A, 30V N-CHANNEL POWER MOSFET
logo
Leshan Radio Company
LP3419DT2AG LRC-LP3419DT2AG Datasheet
142Kb / 3P
   30V P-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM600P03CS TSC-TSM600P03CS Datasheet
275Kb / 5P
   30V P-Channel Power MOSFET
TSM180P03CS TSC-TSM180P03CS Datasheet
280Kb / 5P
   30V P-Channel Power MOSFET
logo
Unisonic Technologies
UT4435 UTC-UT4435 Datasheet
184Kb / 5P
   30V P-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM650P03CX TSC-TSM650P03CX Datasheet
500Kb / 5P
   30V P-Channel Power MOSFET
logo
Unisonic Technologies
UTT100P03 UTC-UTT100P03 Datasheet
131Kb / 3P
   100A, 30V P-CHANNEL POWER MOSFET
UTT36P03 UTC-UTT36P03 Datasheet
129Kb / 3P
   -30V, -36A P-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com