Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UT70P02 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT70P02
Description  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT70P02 Datasheet(HTML) 2 Page - Unisonic Technologies

  UT70P02 Datasheet HTML 1Page - Unisonic Technologies UT70P02 Datasheet HTML 2Page - Unisonic Technologies UT70P02 Datasheet HTML 3Page - Unisonic Technologies UT70P02 Datasheet HTML 4Page - Unisonic Technologies UT70P02 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UT70P02
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R502-209.A
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
-25
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current , VGS=4.5V
TC=25°C
ID
-75
A
Pulsed Drain Current (Note
1)
IDM
-350
A
Power Dissipation @ TC=25°C
PD
107
W
Junction Temperature
TJ
+175
W/℃
Strong Temperature
TSTG
-55 ~ +175
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Junction-to-Ambient
θJA
110
/W
Junction-to-Case
θJC
1.4
/W
ELECTRICAL CHARACTERISTICS (TJ =25°C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS =0 V, ID =-250 µA
-25
V
Breakdown Voltage Temperature
Coefficient
ΔBVDSS/ΔTJ
Reference to 25 , I
D=-1mA
-0.018
V/°С
Drain-Source Leakage Current
IDSS
VDS =-30 V, VGS =0 V, TJ =25°C
-1
µA
Gate-Body Leakage Current
IGSS
VGS = ±20 V
±100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS =VGS, ID =-250 µA
-1
-3
V
VGS =-10 V, ID =-10 A
7
Static Drain-Source On-Resistance
(Note 2)
RDS(ON)
VGS =-4.5 V, ID =-10 A
10
mΩ
DYNAMIC PARAMETERS
Input Capacitance
CISS
2700
4200
pF
Output Capacitance
COSS
550
pF
Reverse Transfer Capacitance
CRSS
VDS =-25 V, VGS =0 V, f=1.0MHz
380
pF
SWITCHING PARAMETERS
Total Gate Charge(Note 2)
QG
33
52
nC
Gate Source Charge
QGS
7.5
nC
Gate Drain ("Miller") Charge
QGD
VDS =-24 V, VGS =-4.5 V,
ID =-30 A
24
nC
Turn-ON Delay Time(Note 2)
tD(ON)
11.2
ns
Turn-ON Rise Time
tR
77
ns
Turn-OFF Delay Time
tD(OFF)
35
ns
Turn-OFF Fall-Time
tF
VGS=-10 V, VDS=-15 V,
RD=0.5 Ω, ID =-30 A , RG =3.3 Ω
67
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Forward On Voltage(Note 2)
VSD
IS=-10 A,VGS=0V
-1.3
V
Reverse Recovery Time
tRR
28
ns
Reverse Recovery Charge
QRR
IS=-30 A, VGS=0 V,
dI/dt=100 A/μs
10
nC
Notes: 1.Pulse width limited by safe operating area.
2.Pulse width ≤ 300us , duty cycle ≤ 2%.


Similar Part No. - UT70P02

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT70P03 UTC-UT70P03 Datasheet
297Kb / 5P
   75A, 30V P-CHANNEL POWER MOSFET
UT70P03G-TA3-T UTC-UT70P03G-TA3-T Datasheet
297Kb / 5P
   75A, 30V P-CHANNEL POWER MOSFET
UT70P03G-TF3-T UTC-UT70P03G-TF3-T Datasheet
297Kb / 5P
   75A, 30V P-CHANNEL POWER MOSFET
UT70P03G-TM3-T UTC-UT70P03G-TM3-T Datasheet
297Kb / 5P
   75A, 30V P-CHANNEL POWER MOSFET
UT70P03G-TN3-R UTC-UT70P03G-TN3-R Datasheet
297Kb / 5P
   75A, 30V P-CHANNEL POWER MOSFET
More results

Similar Description - UT70P02

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com