Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UT50N03 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UT50N03
Description  45A, 25V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT50N03 Datasheet(HTML) 4 Page - Unisonic Technologies

  UT50N03 Datasheet HTML 1Page - Unisonic Technologies UT50N03 Datasheet HTML 2Page - Unisonic Technologies UT50N03 Datasheet HTML 3Page - Unisonic Technologies UT50N03 Datasheet HTML 4Page - Unisonic Technologies UT50N03 Datasheet HTML 5Page - Unisonic Technologies UT50N03 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UT50N03
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-168.B
TYPICAL CHARACTERISTICS
ID=15A
TJ=25℃
0.065
0.055
0.045
0.035
0.025
0.015
0.005
10
9
8
7
6
5
4
3
2
Gate-to-Source Voltage,VGS (V)
On-Resistance versus Gate-to-
Source Voltage
VGS=4.5V
VGS=10V
TJ=25℃
10
20
30
40
50
Drain Current,ID (A)
0.030
0.025
0.020
0.015
0.010
0.005
0
On-Resistance versus Drain Current
and Gate Voltage


Similar Part No. - UT50N03

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT50N03G-TM3-T UTC-UT50N03G-TM3-T Datasheet
341Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
UT50N03G-TN3-R UTC-UT50N03G-TN3-R Datasheet
341Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
logo
VBsemi Electronics Co.,...
UT50N03G-TN3-R VBSEMI-UT50N03G-TN3-R Datasheet
1,019Kb / 8P
   N-Channel 30-V (D-S) MOSFET
logo
Unisonic Technologies
UT50N03G-TND-R UTC-UT50N03G-TND-R Datasheet
341Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
UT50N03L-TM3-T UTC-UT50N03L-TM3-T Datasheet
341Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - UT50N03

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H45N03E HSMC-H45N03E Datasheet
54Kb / 5P
   N-Channel Enhancement-Mode MOSFET (25V, 45A)
logo
Advanced Analogic Techn...
AAT7103 ANALOGICTECH-AAT7103 Datasheet
131Kb / 4P
   25V N-Channel Power MOSFET
logo
Unisonic Technologies
UT3055 UTC-UT3055 Datasheet
158Kb / 2P
   12A, 25V N-CHANNEL POWER MOSFET
logo
Texas Instruments
CSD16415Q5 TI1-CSD16415Q5_15 Datasheet
948Kb / 16P
[Old version datasheet]   25V N-Channel NexFET Power MOSFET
logo
Unisonic Technologies
UT75N02 UTC-UT75N02 Datasheet
147Kb / 4P
   75A, 25V N-CHANNEL POWER MOSFET
logo
Texas Instruments
CSD16401Q5 TI1-CSD16401Q5_15 Datasheet
361Kb / 13P
[Old version datasheet]   25V N-Channel NexFET Power MOSFET
logo
Taiwan Semiconductor Co...
TSM35N03 TSC-TSM35N03_07 Datasheet
354Kb / 6P
   25V N-Channel MOSFET
TSM4410 TSC-TSM4410_08 Datasheet
126Kb / 6P
   25V N-Channel MOSFET
TSM75N03 TSC-TSM75N03 Datasheet
65Kb / 4P
   25V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSFM2506L GOOD-ARK-SSFM2506L Datasheet
683Kb / 7P
   25V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com