Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4014B Datasheet(PDF) 6 Page - Unisonic Technologies

Part # CD4014B
Description  CMOS 8-STAGE STATIC SHIFT REGISTERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

CD4014B Datasheet(HTML) 6 Page - Unisonic Technologies

  CD4014B Datasheet HTML 1Page - Unisonic Technologies CD4014B Datasheet HTML 2Page - Unisonic Technologies CD4014B Datasheet HTML 3Page - Unisonic Technologies CD4014B Datasheet HTML 4Page - Unisonic Technologies CD4014B Datasheet HTML 5Page - Unisonic Technologies CD4014B Datasheet HTML 6Page - Unisonic Technologies CD4014B Datasheet HTML 7Page - Unisonic Technologies CD4014B Datasheet HTML 8Page - Unisonic Technologies CD4014B Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CD4014B
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 9
www.unisonic.com.tw
QW-R502-606.a
SWITCHING CHARACTERISTICS (TA =25°C, Input tr, tf =20ns, CL =50Pf, RL = 200KΩ)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
VCC=5V
160
320
VCC=10V
80
160
Propagation Delay Time
tPLH / tPHL
VCC=15V
60
120
ns
VCC=5V
100
200
VCC=10V
50
100
Transition Time
tTHL/ tTLH
VCC=15V
40
80
ns
VCC=5V
3
6
VCC=10V
6
12
Maximum Clock Input Frequency
fCL
VCC=15V
8.5
17
MHz
VCC=5V
90
180
VCC=10V
40
80
Minimum Clock Pulse Width
tW
VCC=15
25
50
ns
VCC=5V
15
VCC=10V
15
Clock Rise and Fall Time
tr / tf
VCC=15V
15
μs
VCC=5V
60
120
VCC=10V
40
80
Minimum Setup Time, Serial Inputs
tS
VCC=15V
30
60
ns
VCC=5V
40
80
VCC=10V
25
50
Minimum Setup Time, Parallel Inputs
tS
VCC=15V
20
40
ns
VCC=5V
0
VCC=10V
0
Minimum Hold Time, Serial In,
Parallel In, Parallel/Serial Control
tH
VCC=15V
0
ns
Average Input Capacitance
CI
Any Input
5
7.5
pF


Similar Part No. - CD4014B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4014B TI-CD4014B Datasheet
547Kb / 13P
[Old version datasheet]   CMOS 8-Stage Static Shift Registers
CD4014B TI-CD4014B Datasheet
1Mb / 29P
[Old version datasheet]   CMOS 8-Stage Statice Shift Registers
CD4014B TI1-CD4014B Datasheet
1Mb / 28P
[Old version datasheet]   CMOS 8-stage Static Shift Registers
CD4014B-MIL TI1-CD4014B-MIL Datasheet
1Mb / 28P
[Old version datasheet]   CMOS 8-stage Static Shift Registers
logo
Fairchild Semiconductor
CD4014BC FAIRCHILD-CD4014BC Datasheet
67Kb / 7P
   8-Stage Static Shift Register
More results

Similar Description - CD4014B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4014B TI1-CD4014B_15 Datasheet
1Mb / 28P
[Old version datasheet]   CMOS 8-stage Static Shift Registers
logo
Unisonic Technologies
UCD4014B UTC-UCD4014B Datasheet
207Kb / 8P
   CMOS 8-STAGE STATIC SHIFT REGISTERS
UCD4021B UTC-UCD4021B_15 Datasheet
235Kb / 10P
   CMOS 8-STAGE STATIC SHIFT REGISTERS
logo
Intersil Corporation
CD4014BMS INTERSIL-CD4014BMS Datasheet
93Kb / 9P
   CMOS 8-Stage Static Shift Registers
December 1992
logo
Unisonic Technologies
UCD4014B UTC-UCD4014B_15 Datasheet
207Kb / 8P
   CMOS 8-STAGE STATIC SHIFT REGISTERS
logo
Texas Instruments
CD4021B TI-CD4021B Datasheet
547Kb / 13P
[Old version datasheet]   CMOS 8-Stage Static Shift Registers
logo
Unisonic Technologies
UCD4021B UTC-UCD4021B Datasheet
235Kb / 10P
   CMOS 8-STAGE STATIC SHIFT REGISTERS
logo
Renesas Technology Corp
CD4014BMS RENESAS-CD4014BMS Datasheet
372Kb / 9P
   CMOS 8-Stage Static Shift Registers
December 1992
logo
STMicroelectronics
HCC4014B STMICROELECTRONICS-HCC4014B Datasheet
301Kb / 13P
   8-STAGE STATIC SHIFT REGISTERS
logo
Texas Instruments
CD4021BEE4 TI-CD4021BEE4 Datasheet
1Mb / 29P
[Old version datasheet]   CMOS 8-Stage Statice Shift Registers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com