Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US202XL-AF5-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # US202XL-AF5-R
Description  100m廓 POWER DISTRIBUTION SWITCHES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US202XL-AF5-R Datasheet(HTML) 6 Page - Unisonic Technologies

  US202XL-AF5-R Datasheet HTML 1Page - Unisonic Technologies US202XL-AF5-R Datasheet HTML 2Page - Unisonic Technologies US202XL-AF5-R Datasheet HTML 3Page - Unisonic Technologies US202XL-AF5-R Datasheet HTML 4Page - Unisonic Technologies US202XL-AF5-R Datasheet HTML 5Page - Unisonic Technologies US202XL-AF5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
US202
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R502-445.c
APPLICATION INFORMATION (Cont.)
Layout and Thermal Dissipation
The switch should be placed as close to the USB connector as possible and all traces should be as short as
possible to reduce the effect of undesirable parasitic inductance.
Also, place the output capacitor and ferrite beads to the USB connector as close to as possible.
If ferrite beads are used, use wires kept to a minimum resistance and large solder pads to minimize connection
resistance.
If the package is with dual VOUT or VIN pins, short both the same function pins as Fig.1 or Fig.2 to reduce the
internal turn-on resistance. If the output power is delivered to two individual ports, it is specially necessary to short
both VOUT pin at the switch output side in order to protect the switch when each port are plug-in separately.
Under normal operating conditions, the package can dissipate the channel heat away. Wide power bus planes
connected to VIN and VOUT and a ground plane in contact with the device will help dissipate additional heat.
TYPICAL APPLICATION CIRCUIT
GND
CIN
1µF
COUT (Note)
470µF
CE
VOUT
VOUT
VIN
VOUT
Note: 470µF, Low ESR Electrolytic
VIN
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - US202XL-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US202XL-AF5-R UTC-US202XL-AF5-R Datasheet
210Kb / 7P
   100m??POWER DISTRIBUTION SWITCHES
More results

Similar Description - US202XL-AF5-R

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9701 RICHTEK-RT9701_07 Datasheet
285Kb / 10P
   100m廓 Power Distribution Switches
RT9701B RICHTEK-RT9701B_11 Datasheet
272Kb / 11P
   100m廓 Power Distribution Switches
RT9701 RICHTEK-RT9701_11 Datasheet
287Kb / 10P
   100m廓 Power Distribution Switches
RT9701B RICHTEK-RT9701B Datasheet
269Kb / 11P
   100m廓 Power Distribution Switches
logo
AiT Semiconductor Inc.
A4770 AITSEMI-A4770 Datasheet
588Kb / 6P
   POWER SWITCH 100m廓 POWER DISTRIBUTION SWITCHES
REV2.1
logo
Richtek Technology Corp...
RT9701 RICHTEK-RT9701 Datasheet
306Kb / 12P
   100m POWER DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202 Datasheet
210Kb / 7P
   100m??POWER DISTRIBUTION SWITCHES
US202 UTC-US202_18 Datasheet
208Kb / 5P
   100m POWER DISTRIBUTION SWITCHES
logo
Shenzhen Huazhimei Semi...
HM9708 HMSEMI-HM9708 Datasheet
525Kb / 9P
   200m廓 Power Distribution Switches
HM9701A HMSEMI-HM9701A Datasheet
382Kb / 4P
   150m廓 Power Distribution Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com