Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US3X77XL-SM1-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # US3X77XL-SM1-T
Description  POWER DISTRIBUTION SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US3X77XL-SM1-T Datasheet(HTML) 4 Page - Unisonic Technologies

  US3X77XL-SM1-T Datasheet HTML 1Page - Unisonic Technologies US3X77XL-SM1-T Datasheet HTML 2Page - Unisonic Technologies US3X77XL-SM1-T Datasheet HTML 3Page - Unisonic Technologies US3X77XL-SM1-T Datasheet HTML 4Page - Unisonic Technologies US3X77XL-SM1-T Datasheet HTML 5Page - Unisonic Technologies US3X77XL-SM1-T Datasheet HTML 6Page - Unisonic Technologies US3X77XL-SM1-T Datasheet HTML 7Page - Unisonic Technologies US3X77XL-SM1-T Datasheet HTML 8Page - Unisonic Technologies US3X77XL-SM1-T Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
US3X77
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 10
www.unisonic.com.tw
QW-R502-568.B
ABSOLUTE MAXIMUM RATING (TA = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VIN
6
V
Output Voltage
VOUT
6
V
Enable Input
VEN
-0.3 ~ 6
V
Output Current
IOUT
Internally Limited
A
Storage Temperature
TSTG
-65~ +150
Reflow Temperature (Soldering, 10sec)
260
ESD Protection
2
kV
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
OPERATING RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VIN
+3 ~ +5.5
V
Operating Temperature
TA
-40 ~ +85
°C
ELECTRICAL CHARACTERISTICS
(VIN = 5V, CIN=1µF, COUT=1µF, RL=10Ω, TA = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Input Voltage
VIN
2.7
5.5
V
US3477, IOUT=1.5A
US3377, IOUT=1.0A
US3277, IOUT=0.5A
Output MOS RDS(ON)
US3177, IOUT=0.3A
100
115
mΩ
Supply Current
IIN
65
µA
Output Turn-on Rising Time
RL=10Ω, 90% Settling
400
µs
US3477
2
2.5
3.3
US3377
1.6
2
2.6
US3277
1.2
1.5
1.9
Current Limit Threshold
ITHD(LIMIT)
US3177
VOUT=4V
0.75
1
1.45
A
US3477
0.2
1.7
2.3
US3377
0.2
1.3
1.7
US3277
0.2
1
1.3
Short-Circuit Current
ISC
US3177
VOUT=0V,
2.7V<VIN<5.5V
0.2
0.7
0.9
A
EN Input Threshold
1
1.6
1.8
V
Shutdown Supply Current
ISHDN
0.1
1
µA
Shutdown Pull Low Resistance
75
150
Output Leakage Current
IO(LEAK)
EN=”0”, VOUT=0V
0.5
1
µA
VIN Under Voltage Lockout
2.2
2.5
2.7
V
VIN Under Voltage Hysteresis
200
mV
Thermal Limit
135
Thermal Limit Hysteresis
20
OC Deglitch
OC assertion or deassertion
4
9
15
ms
OC Output Low Voltage
IOC= 5mA
0.4
V
OC Off-State Current
VOC = 5V
1
µA


Similar Part No. - US3X77XL-SM1-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US3X77XG-S08-R UTC-US3X77XG-S08-R Datasheet
628Kb / 10P
   POWER DISTRIBUTION SWITCH
US3X77XG-S08-T UTC-US3X77XG-S08-T Datasheet
628Kb / 10P
   POWER DISTRIBUTION SWITCH
US3X77XG-SM1-R UTC-US3X77XG-SM1-R Datasheet
628Kb / 10P
   POWER DISTRIBUTION SWITCH
US3X77XG-SM1-T UTC-US3X77XG-SM1-T Datasheet
628Kb / 10P
   POWER DISTRIBUTION SWITCH
More results

Similar Description - US3X77XL-SM1-T

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2537 MICREL-MIC2537_11 Datasheet
86Kb / 12P
   Quad Power Distribution Switch Quad Power Distribution Switch
logo
Unisonic Technologies
US3075 UTC-US3075_15 Datasheet
603Kb / 9P
   POWER DISTRIBUTION SWITCH
US3X77 UTC-US3X77_15 Datasheet
628Kb / 10P
   POWER DISTRIBUTION SWITCH
logo
Global Mixed-mode Techn...
G553 GMT-G553 Datasheet
179Kb / 1P
   Power Distribution Switch
logo
List of Unclassifed Man...
G547E ETC1-G547E Datasheet
1Mb / 15P
   Power Distribution Switch
logo
Unisonic Technologies
US3X77 UTC-US3X77_17 Datasheet
636Kb / 10P
   POWER DISTRIBUTION SWITCH
logo
Global Mixed-mode Techn...
G5250 GMT-G5250 Datasheet
90Kb / 1P
   Power Distribution Switch
G524A GMT-G524A_V01 Datasheet
2Mb / 19P
   Power Distribution Switch
Ver: 0.94 Aug 02, 2016
G548S GMT-G548S Datasheet
123Kb / 1P
   Power Distribution Switch
G543 GMT-G543 Datasheet
55Kb / 1P
   Power Distribution Switch
G557 GMT-G557 Datasheet
75Kb / 1P
   Power Distribution Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com