Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UR13318L-TN5-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UR13318L-TN5-T
Description  2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR13318L-TN5-T Datasheet(HTML) 3 Page - Unisonic Technologies

  UR13318L-TN5-T Datasheet HTML 1Page - Unisonic Technologies UR13318L-TN5-T Datasheet HTML 2Page - Unisonic Technologies UR13318L-TN5-T Datasheet HTML 3Page - Unisonic Technologies UR13318L-TN5-T Datasheet HTML 4Page - Unisonic Technologies UR13318L-TN5-T Datasheet HTML 5Page - Unisonic Technologies UR13318L-TN5-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UR13318
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R102-018.D
ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
Vcc
18
V
Ta=25℃
1000
mW
Power Dissipation
Derating above 25
°C
PD
8
mW/
°C
Junction Temperature
TJ
+150
°C
Operating Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING RATINGS (Ta=25℃)
PARAMETER
SYMBOL
MIN
MAX
UNIT
Input Voltage
Vcc
3.0
16.0
V
3.3V Output current
IO1
1
A
1.8V Output current
IO2
1
A
ELECTRICAL CHARACTERISTICS
(Refer to the test circuit, Ta=25℃, VCC=5V unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Bias Current
IBIAS
Io1=0mA, Io2=0mA
0.8
1.5
mA
3.3V Output
Output Voltage 1
Vo1
Io1=500mA
3.234
3.30
3.366
V
Dropout Voltage 1
V
D1
Io1=500mA
0.25
0.5
V
Peak Output Current 1
Io1
1.0
1.7
A
Ripple Rejection 1
R.R.1
f=120Hz, ein=1Vrms
Io1=200mA
50
58
dB
Line Regulation 1
V
LINE1
Vcc=4V ~ 16V, Io1=500mA
5
30
mV
Load Regulation 1
V
LOAD1
Io1=0mA ~ 1A
30
75
mV
Temperature Coefficient of Output
Voltage 1 (Note1)
TCVO1
Io1=5mA, TJ=0 ~ 125℃
±0.01
%/℃
Short Circuit Output Current 1
IOS1
Vcc=16V
270
mA
1.8V Output
Output Voltage 2
Vo2
Io2=500mA
1.764
1.80
1.832
V
Peak Output Current 2
Io2
1.0
1.7
A
Ripple Rejection 2
R.R.2
f=120Hz, ein=1Vrms
Io2=200mA
50
58
dB
Line Regulation 2
V
LINE2
Vcc=4V ~ 16V, Io2=500mA
5
30
mV
Load Regulation 2
V
LOAD2
Io2=0mA ~ 1A
30
75
mV
Temperature Coefficient of Output
Voltage 2 (Note1)
TCVO2
Io2=5mA, TJ=0 ~ 125℃
±0.01
%/℃
Short Circuit Output Current 2
IOS2
Vcc=16V
270
mA
Note: 1. Design Guarantee. (Outgoing inspection is not done on all products.)
2. This product is not designed for protection against radioactive rays.
3. All characteristic are measured with a capacity across the input (0.33µF) and the output (22µF).
Measurement is done at TA≒TJ, and variations in the parameter of all measurement (except for Temperature
Coefficient of Output Voltage)caused by temperature change are not considered.


Similar Part No. - UR13318L-TN5-T

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
UR13318 ETL-UR13318 Datasheet
160Kb / 6P
   2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
More results

Similar Description - UR13318L-TN5-T

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
UR13325 ETL-UR13325 Datasheet
180Kb / 8P
   2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
UR5033 UTC-UR5033 Datasheet
160Kb / 6P
   2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
UR10033 UTC-UR10033_15 Datasheet
222Kb / 6P
   2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
UR13325 UTC-UR13325 Datasheet
186Kb / 8P
   2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
UR15033 UTC-UR15033 Datasheet
210Kb / 6P
   2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
UR3318 UTC-UR3318 Datasheet
161Kb / 6P
   2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
UR5025 UTC-UR5025 Datasheet
160Kb / 6P
   2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
UR10033 ETL-UR10033 Datasheet
107Kb / 7P
   2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
UR10033 UTC-UR10033 Datasheet
113Kb / 7P
   2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
UR3325 UTC-UR3325_08 Datasheet
186Kb / 8P
   2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com