Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UR15033-TN5-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UR15033-TN5-T
Description  2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR15033-TN5-T Datasheet(HTML) 4 Page - Unisonic Technologies

  UR15033-TN5-T Datasheet HTML 1Page - Unisonic Technologies UR15033-TN5-T Datasheet HTML 2Page - Unisonic Technologies UR15033-TN5-T Datasheet HTML 3Page - Unisonic Technologies UR15033-TN5-T Datasheet HTML 4Page - Unisonic Technologies UR15033-TN5-T Datasheet HTML 5Page - Unisonic Technologies UR15033-TN5-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UR15033
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R102-019.D
POWER DISSIPATION
STANDARD APPLICATION CIRCUIT
Vo1
Vo2
GND
Vcc
22µF
OR
10µF
Ceramic
1O
22µF
+
+
1O
OR
10µF
Ceramic
TEST CIRCUIT FOR EACH CONDITION
Vo1
or
Vo2
GND
Vcc
22µF
Io
+
A
0.33µF
V
A


Similar Part No. - UR15033-TN5-T

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
UR15033-TN5-T ETL-UR15033-TN5-T Datasheet
204Kb / 6P
   2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
More results

Similar Description - UR15033-TN5-T

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
UR13325 ETL-UR13325 Datasheet
180Kb / 8P
   2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
UR5033 UTC-UR5033 Datasheet
160Kb / 6P
   2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
UR10033 UTC-UR10033_15 Datasheet
222Kb / 6P
   2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
UR13325 UTC-UR13325 Datasheet
186Kb / 8P
   2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
UR3318 UTC-UR3318 Datasheet
161Kb / 6P
   2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
UR5025 UTC-UR5025 Datasheet
160Kb / 6P
   2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
UR10033 ETL-UR10033 Datasheet
107Kb / 7P
   2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
UR10033 UTC-UR10033 Datasheet
113Kb / 7P
   2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
UR13318 UTC-UR13318 Datasheet
165Kb / 6P
   2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
UR3325 UTC-UR3325_08 Datasheet
186Kb / 8P
   2 CHANNEL LOW-DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com