Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UR6515C Datasheet(PDF) 8 Page - Unisonic Technologies

Part # UR6515C
Description  2A DDR BUS TERMINATION REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR6515C Datasheet(HTML) 8 Page - Unisonic Technologies

  UR6515C Datasheet HTML 1Page - Unisonic Technologies UR6515C Datasheet HTML 2Page - Unisonic Technologies UR6515C Datasheet HTML 3Page - Unisonic Technologies UR6515C Datasheet HTML 4Page - Unisonic Technologies UR6515C Datasheet HTML 5Page - Unisonic Technologies UR6515C Datasheet HTML 6Page - Unisonic Technologies UR6515C Datasheet HTML 7Page - Unisonic Technologies UR6515C Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
UR6515C
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 8
www.unisonic.com.tw
QW-R101-038.A
TYPICAL CHARACTERISTICS(Cont.)
-50
-25
0
25
50
75
100
125
0.74
0.745
0.75
0.755
0.76
0.765
0.77
Temperature(°C)
Output Voltage vs. Temperature
VIN=1.5V
-50
-25
0
25
50
75
100
125
0.89
0.895
0.9
0.905
0.91
0.915
0.92
Temperature(°C)
VIN=1.8V
-50
-25
0
25
50
75
100
125
1.24
1.245
1.25
1.255
1.26
1.265
1.27
Output Voltage vs. Temperature
VIN=2.5V
Output Voltage vs. Temperature
Temperature(°C)
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - UR6515C

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR6515A UTC-UR6515A Datasheet
517Kb / 9P
   3A DDR BUS TERMINATION REGULATOR
UR6515D UTC-UR6515D Datasheet
713Kb / 9P
   3A DDR BUS TERMINATION REGULATOR
UR6515DG-SH2-R UTC-UR6515DG-SH2-R Datasheet
713Kb / 9P
   3A DDR BUS TERMINATION REGULATOR
UR6515G-TN5-R UTC-UR6515G-TN5-R Datasheet
517Kb / 9P
   3A DDR BUS TERMINATION REGULATOR
UR6515G-TQ5-R UTC-UR6515G-TQ5-R Datasheet
517Kb / 9P
   3A DDR BUS TERMINATION REGULATOR
More results

Similar Description - UR6515C

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR6512 UTC-UR6512 Datasheet
228Kb / 7P
   2A DDR BUS TERMINATION REGULATOR
UR6512 UTC-UR6512_15 Datasheet
192Kb / 6P
   2A DDR BUS TERMINATION REGULATOR
UR5512 UTC-UR5512 Datasheet
117Kb / 7P
   2A DDR BUS TERMINATION REGULATOR
UR5513 UTC-UR5513 Datasheet
285Kb / 6P
   2A DDR BUS TERMINATION REGULATOR
logo
Fairchild Semiconductor
FAN6550 FAIRCHILD-FAN6550 Datasheet
99Kb / 12P
   2A DDR Bus Termination Regulator
FAN6555 FAIRCHILD-FAN6555 Datasheet
116Kb / 12P
   2A DDR Bus Termination Regulator
logo
E-Tech Electronics LTD
UR5512 ETL-UR5512 Datasheet
218Kb / 7P
   2A DDR BUS TERMINATION REGULATOR
logo
Global Mixed-mode Techn...
G2992B GMT-G2992B Datasheet
91Kb / 1P
   2A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR5512 UTC-UR5512_14 Datasheet
184Kb / 6P
   2A DDR BUS TERMINATION REGULATOR
UR6511 UTC-UR6511 Datasheet
139Kb / 4P
   2A DDR BUS TERMINATION REGULATOR
UR5512 UTC-UR5512_09 Datasheet
207Kb / 7P
   2A DDR BUS TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com