Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UR533-XX-TA5-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UR533-XX-TA5-T
Description  5A ADJUSTABLE/FIXED ULTRA LOW DROP-OUT LINEAR REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR533-XX-TA5-T Datasheet(HTML) 5 Page - Unisonic Technologies

  UR533-XX-TA5-T Datasheet HTML 1Page - Unisonic Technologies UR533-XX-TA5-T Datasheet HTML 2Page - Unisonic Technologies UR533-XX-TA5-T Datasheet HTML 3Page - Unisonic Technologies UR533-XX-TA5-T Datasheet HTML 4Page - Unisonic Technologies UR533-XX-TA5-T Datasheet HTML 5Page - Unisonic Technologies UR533-XX-TA5-T Datasheet HTML 6Page - Unisonic Technologies UR533-XX-TA5-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
UR533
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R102-026,D
TYPICAL APPLICATION CIRCUIT
Note: C2 is recommended to use 22µF solid tantalum or 100µF aluminum electrolytic for output stability.
Note: C3 is recommended to use 22µF solid tantalum or 100µF aluminum electrolytic for output stability.


Similar Part No. - UR533-XX-TA5-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR533-XX-TA5-T UTC-UR533-XX-TA5-T Datasheet
232Kb / 7P
   5A ADJUSTABLE/FIXED ULTRA LOW DROP-OUT LINEAR REGULATOR
More results

Similar Description - UR533-XX-TA5-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR533 UTC-UR533 Datasheet
114Kb / 6P
   5A ADJUSTABLE/FIXED ULTRA LOW DROP-OUT LINEAR REGULATOR
UR533 UTC-UR533_09 Datasheet
232Kb / 7P
   5A ADJUSTABLE/FIXED ULTRA LOW DROP-OUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1581 FAIRCHILD-FAN1581 Datasheet
85Kb / 13P
   5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1084 ETL-UZ1084 Datasheet
204Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
RC1585 FAIRCHILD-RC1585 Datasheet
96Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1084 UTC-UZ1084_09 Datasheet
192Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1084 UTC-UZ1084_12 Datasheet
209Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A_05 Datasheet
122Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com