Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPS1622 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UPS1622
Description  HIGH PERFORMANCE CURRENT MODE POWER SWITCH
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UPS1622 Datasheet(HTML) 5 Page - Unisonic Technologies

  UPS1622 Datasheet HTML 1Page - Unisonic Technologies UPS1622 Datasheet HTML 2Page - Unisonic Technologies UPS1622 Datasheet HTML 3Page - Unisonic Technologies UPS1622 Datasheet HTML 4Page - Unisonic Technologies UPS1622 Datasheet HTML 5Page - Unisonic Technologies UPS1622 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
UPS1622
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R119-020.a
TYPICAL APPLICATION CIRCUIT
12V/1.0A
GND
C12
C5
L2
R7
C9
D3
C4
10
YC1
7
1
4
3
1
2
IC3
IC2
R9
R8
R12
5
D1
R1
C8
C2
L1
2
3
1
4
C1
BD1
B6S
F1
LINE
NEUT
C11
R11
R10
UTC
UPS1622
C6
R5
IC1
C3
D2
2
3
T1
Fig. 3 UTC UPS1622 Typical Application Circuit
Table1. Components reference description for UTC UPS1622 application circuit
DESIGNATOR
PART TYPE
DESIGNATOR
PART TYPE
DESIGNATOR
PART TYPE
C1
10μF/400V
R1
100KΩ
D1
FR107
C2
10μF/400V
R5
6.8KΩ
D2
RS1D
C3
22μF/50V
R7
30Ω
D3
SR39
C4
470μF/16V
R8
1.8KΩ
IC1
UPS1622
C5
220μF/16V
R9
510Ω
IC2
PC-817
C6
334pF
R10
3.92KΩ
IC3
TL431
C8
102pF/1KV
R11
15KΩ
YC1
102pF/400V
C9
102pF/100V
R12
4.7
KΩ
T1
EE-19
C11
104pF
L1
1mH
C12
104pF
L2
2μH
F1
1A/250V
BD1
B6S


Similar Part No. - UPS1622

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UPS1602 UTC-UPS1602 Datasheet
619Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS1602 UTC-UPS1602 Datasheet
595Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS1602G-D08-T UTC-UPS1602G-D08-T Datasheet
619Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS1602G-D08-T UTC-UPS1602G-D08-T Datasheet
595Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS1602L-D08-T UTC-UPS1602L-D08-T Datasheet
619Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
More results

Similar Description - UPS1622

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UPS601 UTC-UPS601 Datasheet
257Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS602 UTC-UPS602 Datasheet
258Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS3652 UTC-UPS3652 Datasheet
432Kb / 9P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS702 UTC-UPS702 Datasheet
529Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS703 UTC-UPS703 Datasheet
560Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UCS1651S UTC-UCS1651S Datasheet
288Kb / 8P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UCS1704S UTC-UCS1704S Datasheet
301Kb / 10P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
US1602 UTC-US1602 Datasheet
369Kb / 10P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UCS17005S UTC-UCS17005S Datasheet
300Kb / 10P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS601 UTC-UPS601_15 Datasheet
605Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS602 UTC-UPS602_15 Datasheet
582Kb / 12P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com