Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM608 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UM608
Description  CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM608 Datasheet(HTML) 4 Page - Unisonic Technologies

  UM608 Datasheet HTML 1Page - Unisonic Technologies UM608 Datasheet HTML 2Page - Unisonic Technologies UM608 Datasheet HTML 3Page - Unisonic Technologies UM608 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
UM608
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 4
www.unisonic.com.tw
QW-R105-043.a
TYPICAL APPLICATION CIRCUIT
UTC UM608
VCC
INPUT
OUT2
OUT1
GND
OUT
VSENSE
VCTRL
x
VCC OUT
GND
COMP
UTC
UC3842
FB
VREF
ISENSE
RT/CT
BT+
BT-
DGND
+
-
BT1
48V
Rsense
0.1
D7
LED
R9
30k
FUSE2
C15
470µ
R26
6.8k
D5 ER804
C14
510p
R25
47
EC35
C7
10n
C2
FR206
R13
39k
C8
68µ
R12
150k
D3
HER107
R14
10
NT 5D
1N54
FUS
5
3
AC
AC
X2
C2
47n
N2AP817
d
C5
4.7n
R1
10k
R5
3.6k
C4
100n
R7 9.1K
C6
4.7n
C9
0.47n R19
910
R18 910
Rs
500m
R17
22
R3
10k
UTC
8N60
M2
D9
d
R15
10
C16
100µ
BT-
BT+
R10
500
R29
45.45k
org=21k
R32
1k
R34
15k
Q3
R36
100k
C13
10µ
R23
5.1k R6
3.6k
LED
D4
LED
D8
DGND
RA
120kQc
RB
1k
Comp1
2.2n
Rcomp1
470k
Rcomp2
22k
Comp2
2.2n
Comp1_1
22p
R28
2k
N5AP817_1
d
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - UM608

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UM608 ETC1-UM608 Datasheet
25Kb / 2P
   15 Watt DC-DC Converters
logo
Unisonic Technologies
UM608 UTC-UM608 Datasheet
226Kb / 4P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
UM608G-R10-R UTC-UM608G-R10-R Datasheet
221Kb / 4P
   CONTROLLER FOR BATTERY CHARGERS
UM608G-R10-R UTC-UM608G-R10-R Datasheet
221Kb / 4P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
UM608G-R10-R UTC-UM608G-R10-R Datasheet
226Kb / 4P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
More results

Similar Description - UM608

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC34363 UTC-UC34363 Datasheet
172Kb / 6P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS
logo
STMicroelectronics
TSM1051 STMICROELECTRONICS-TSM1051 Datasheet
108Kb / 9P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
logo
IK Semicon Co., Ltd
IK3051 IKSEMICON-IK3051 Datasheet
298Kb / 5P
   Constant Voltage and Constant Current Controller for Adaptors and Battery Chargers
logo
STMicroelectronics
TSM105 STMICROELECTRONICS-TSM105 Datasheet
95Kb / 9P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
logo
Taiwan Semiconductor Co...
TS1051 TSC-TS1051_09 Datasheet
293Kb / 8P
   Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
TS1052 TSC-TS1052 Datasheet
289Kb / 8P
   Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
logo
STMicroelectronics
TSM1011_0311 STMICROELECTRONICS-TSM1011_0311 Datasheet
170Kb / 9P
   Constant Voltage and Constant Current Controller for Battery Chargers and Adapters
TSM1011 STMICROELECTRONICS-TSM1011 Datasheet
167Kb / 9P
   Constant Voltage and Constant Current Controller for Battery Chargers and Adapters
logo
Rohm
BD6550G ROHM-BD6550G Datasheet
199Kb / 6P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
logo
IK Semicon Co., Ltd
IK3051A IKSEMICON-IK3051A Datasheet
292Kb / 5P
   Constant Voltage and Constant Current Controller for Adaptors and Battery Chargers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com