Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ULN2004G-D16-T Datasheet(PDF) 7 Page - Unisonic Technologies

Part # ULN2004G-D16-T
Description  7CH DARLINGTON SINK DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULN2004G-D16-T Datasheet(HTML) 7 Page - Unisonic Technologies

  ULN2004G-D16-T Datasheet HTML 1Page - Unisonic Technologies ULN2004G-D16-T Datasheet HTML 2Page - Unisonic Technologies ULN2004G-D16-T Datasheet HTML 3Page - Unisonic Technologies ULN2004G-D16-T Datasheet HTML 4Page - Unisonic Technologies ULN2004G-D16-T Datasheet HTML 5Page - Unisonic Technologies ULN2004G-D16-T Datasheet HTML 6Page - Unisonic Technologies ULN2004G-D16-T Datasheet HTML 7Page - Unisonic Technologies ULN2004G-D16-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ULN2004
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R113-008.B
TYPICAL CHARACTERISTICS(cont.)
400
300
200
100
0
0
100
200
IOUT - lIN
Input Current IIN (μA)
VCE=2V
600
500
400
300
Recommended
Maximum
Rating
Ta=75℃
25
30
600
400
200
0
0
0.5
IOUT - VCEO(SAT)
Collector-Emitter Saturation Voltage VCEO(SAT) (V)
25℃ Max.
2.0
1.5
1.0
Typ.
600
400
200
0
0
0.4
IOUT - VCEO(SAT)
Collector-Emitter Saturation Voltage VCEO(SAT) (V)
1.6
1.2
0.8
IIN=500µ A
Ta=85℃
-20
25
400
300
200
100
0
0
0.4
0.8
IF - VF
2.0
1.6
1.2
Ta=25℃
Clamp Diode Forward Voltage VF (V)
100
10
1
10
1000
10000
10000
5000
3000
1000
500
300
100
50
30
5
Output Current IOUT (mA)
hFE - IOUT
VCE=2.0V
85℃
25℃
-20℃


Similar Part No. - ULN2004G-D16-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
ULN2004G-D16-T UTC-ULN2004G-D16-T Datasheet
280Kb / 9P
   7CH DARLINGTON SINK DRIVER
ULN2004G-D16-T UTC-ULN2004G-D16-T Datasheet
258Kb / 8P
   7CH DARLINGTON SINK DRIVER
More results

Similar Description - ULN2004G-D16-T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62008APG TOSHIBA-TD62008APG Datasheet
472Kb / 10P
   7CH DARLINGTON SINK DRIVER
logo
Unisonic Technologies
ULN2003 UTC-ULN2003_11 Datasheet
328Kb / 10P
   7CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62007P TOSHIBA-TD62007P Datasheet
237Kb / 6P
   7CH DARLINGTON SINK DRIVER
TD62008AP TOSHIBA-TD62008AP Datasheet
251Kb / 6P
   7CH DARLINGTON SINK DRIVER
ULN2003AP TOSHIBA-ULN2003AP Datasheet
374Kb / 11P
   7CH DARLINGTON SINK DRIVER
logo
Unisonic Technologies
ULN2003 UTC-ULN2003_15 Datasheet
391Kb / 10P
   7CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62003FB TOSHIBA-TD62003FB Datasheet
293Kb / 7P
   7CH DARLINGTON SINK DRIVER
TD62003PA TOSHIBA-TD62003PA Datasheet
334Kb / 9P
   7CH DARLINGTON SINK DRIVER
TD62008AFWG TOSHIBA-TD62008AFWG Datasheet
171Kb / 8P
   7ch Darlington Sink Driver
TD620003 TOSHIBA-TD620003 Datasheet
278Kb / 10P
   7CH DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com