Electronic Components Datasheet Search |
|
UK2996G-TF2-T Datasheet(PDF) 3 Page - Unisonic Technologies |
|
UK2996G-TF2-T Datasheet(HTML) 3 Page - Unisonic Technologies |
3 / 6 page UK2996 MOSFET UNISONICTECHNOLOGIESCO.,LTD 3 of 6 www.unisonic.com.tw QW-R502-063.C SOURCE−DRAIN DIODE CHARACTERISTICS (TA = 25°C) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Diode Forward Voltage VSD VGS = 0V, IS = 10A -1.7 V Continuous Source Current (body diode) IS Integral Reverse p-n Junction Diode in the MOSFET Gate Source Drain 10 A Pulse Source Current (body diode) ISM 30 A Reverse Recovery Time tRR VGS = 0V, IS = 10A, dIF/dt = 100 A/µs 1600 ns Reverse Recovery Charge QRR 17 µC |
Similar Part No. - UK2996G-TF2-T |
|
Similar Description - UK2996G-TF2-T |