Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF740 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UF740
Description  10A, 400V, 0.55廓 N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF740 Datasheet(HTML) 5 Page - Unisonic Technologies

  UF740 Datasheet HTML 1Page - Unisonic Technologies UF740 Datasheet HTML 2Page - Unisonic Technologies UF740 Datasheet HTML 3Page - Unisonic Technologies UF740 Datasheet HTML 4Page - Unisonic Technologies UF740 Datasheet HTML 5Page - Unisonic Technologies UF740 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
UF740
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-078,E
TYPICAL PERFORMANCE CUVES (Unless Otherwise Specified)
Drain to Source Voltage, VDS (V)
4
6
10
Saturation Characteristics
0
8
2
0
3
6
9
12
15
Gate to Source Voltage, VSD (V)
2
8
10
Transfer Characteristics
0.1
0
1
10
100
6
4
VGS=5.0V
VGS=10V
VGS=4.5V
PULSE DURATION=80μS
DUTY CYCLE = 0.5% MAX
VGS=5.5V
VGS=4.0V
VGS=6.0V
TJ = 25℃
TJ = 150℃
PULSE DURATION=80μS
DUTY CYCLE = 0.5% MAX
VDS≥50V


Similar Part No. - UF740

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF740 UTC-UF740 Datasheet
163Kb / 6P
   10A, 400V, 0.55 OHM, N-CHANNEL POWER MOSFET
UF740-E UTC-UF740-E Datasheet
343Kb / 6P
   N-CHANNEL FAST SWITCHING MOSFET
UF740-TA3-T UTC-UF740-TA3-T Datasheet
163Kb / 6P
   10A, 400V, 0.55 OHM, N-CHANNEL POWER MOSFET
UF740-TF3-T UTC-UF740-TF3-T Datasheet
163Kb / 6P
   10A, 400V, 0.55 OHM, N-CHANNEL POWER MOSFET
UF740G-TA3-T UTC-UF740G-TA3-T Datasheet
240Kb / 6P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
More results

Similar Description - UF740

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TFF740 TAK_CHEONG-TFF740 Datasheet
281Kb / 7P
   N-Channel Power MOSFET 10A, 400V, 0.55廓
TFP740 TAK_CHEONG-TFP740 Datasheet
302Kb / 7P
   N-Channel Power MOSFET 10A, 400V, 0.55廓
logo
Unisonic Technologies
UF740 UTC-UF740 Datasheet
163Kb / 6P
   10A, 400V, 0.55 OHM, N-CHANNEL POWER MOSFET
logo
International Rectifier
IRF740SPBF IRF-IRF740SPBF Datasheet
943Kb / 8P
   HEXFET POWER MOSFET ( VDSS=400V , RDS(on)=0.55廓 , ID=10A )
logo
First Components Intern...
IRF740FP FCI-IRF740FP Datasheet
208Kb / 3P
   10A 400V N CHANNEL POWER MOSFET
logo
Hi-Sincerity Mocroelect...
HIRF740 HSMC-HIRF740 Datasheet
50Kb / 4P
   N-Channel Power MOSFET (400V, 10A)
logo
First Components Intern...
IRF740 FCI-IRF740 Datasheet
444Kb / 3P
   10A 400V N CHANNEL POWER MOSFET
logo
Intersil Corporation
RF340 INTERSIL-RF340 Datasheet
55Kb / 7P
   10A, 400V, 0.550 Ohm, N-Channel Power MOSFET
logo
Jiangsu Donghai Semicon...
740 WXDH-740 Datasheet
1Mb / 12P
   10A 400V N-channel Enhancement Mode Power MOSFET
logo
Intersil Corporation
IRF740 INTERSIL-IRF740 Datasheet
56Kb / 7P
   10A, 400V, 0.550 Ohm, N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com