Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF630L-TA3-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UF630L-TA3-T
Description  200V, 9A N-CHANNEL POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF630L-TA3-T Datasheet(HTML) 3 Page - Unisonic Technologies

  UF630L-TA3-T Datasheet HTML 1Page - Unisonic Technologies UF630L-TA3-T Datasheet HTML 2Page - Unisonic Technologies UF630L-TA3-T Datasheet HTML 3Page - Unisonic Technologies UF630L-TA3-T Datasheet HTML 4Page - Unisonic Technologies UF630L-TA3-T Datasheet HTML 5Page - Unisonic Technologies UF630L-TA3-T Datasheet HTML 6Page - Unisonic Technologies UF630L-TA3-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
UF630
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R502-049,F
ELECTRICAL SPECIFICATIONS (TC =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS = 0V, ID = 250μA
200
V
On-State Drain Current (Note 1)
ID(ON)
VDS > ID(ON) x RDS(ON)MAX,
VGS = 10V
9
A
Drain-Source Leakage Current
IDSS
VDS = Rated BVDSS, VGS = 0V
10
μA
Forward
VGS = 20V, VDS = 0V
100
nA
Gate-Source Leakage Current
Reverse
IGSS
VGS = -20V, VDS = 0V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250μA
2
4
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS = 10V, ID = 5A
0.25
0.4
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
600
pF
Output Capacitance
COSS
250
pF
Reverse Transfer Capacitance
CRSS
VDS = 25V, VGS = 0V,
f = 1.0MHz
80
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
30
ns
Turn-On Rise Time
tR
50
ns
Turn-Off Delay Time
tD(OFF)
50
ns
Turn-Off Fall Time
tF
VDD = 90V, ID≈9A, RGS = 9.1Ω,
VGS = 10V, RL = 9.6Ω
(Note 1, 2)
40
ns
Total Gate Charge
QG
19
30
nC
Gate-Source Charge
QGS
10
nC
Gate-Drain Charge
QGD
VGS = 10V, ID = 9A,
VDS = 0.8 x Rated BVDSS
IG(REF) = 1.5mA
9
nC
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
Drain-Source Diode Forward Voltage
VSD
VGS =0V, IS = 9.0A
2
V
Maximum Continuous Drain-Source Diode
Forward Current
IS
9
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
36
A
Reverse Recovery Time
trr
450
ns
Reverse Recovery Charge
QRR
IS = 9.0A, dIS/dt = 100A/μs
(Note 1)
3
μC
Notes: 1. Pulse Test: Pulse width ≤300μs, Duty cycle≤2%
Notes: 2. Essentially independent of operating temperature


Similar Part No. - UF630L-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF630L-TA3-T UTC-UF630L-TA3-T Datasheet
167Kb / 8P
   9A, 200V, 0.4??, N-CHANNEL POWER MOSFETS
UF630L-TA3-T UTC-UF630L-TA3-T Datasheet
430Kb / 8P
   N-CHANNEL POWER MOSFET
More results

Similar Description - UF630L-TA3-T

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
BRI630 FS-BRI630 Datasheet
600Kb / 4P
   N-Channel Power MOSFET (200V/9A)
logo
Thinki Semiconductor Co...
IRF630PBF THINKISEMI-IRF630PBF Datasheet
1Mb / 6P
   9A,200V Heatsink N-Channel Type Power MOSFET
logo
Jiangsu Donghai Semicon...
630 WXDH-630 Datasheet
1Mb / 11P
   9A 200V N-channel Enhancement Mode Power MOSFET
Rev. 1.0
logo
Unisonic Technologies
UF630 UTC-UF630 Datasheet
167Kb / 8P
   9A, 200V, 0.4??, N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
2N6757 FAIRCHILD-2N6757 Datasheet
141Kb / 5P
   N-Channel Power MOSFETs, 9A, 150V/200V
logo
Intersil Corporation
IRF630 INTERSIL-IRF630 Datasheet
62Kb / 7P
   9A, 200V, 0.400 Ohm, N-Channel Power MOSFETs
logo
International Rectifier
JANTX2N6758 IRF-JANTX2N6758 Datasheet
236Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.40ohm, Id=9A)
logo
STMicroelectronics
IRF630S STMICROELECTRONICS-IRF630S Datasheet
85Kb / 8P
   N - CHANNEL 200V - 0.35ohm - 9A - D2PAK MESH OVERLAY] MOSFET
logo
Unisonic Technologies
9N90_1112 UTC-9N90_1112 Datasheet
255Kb / 6P
   9A, 900V N-CHANNEL POWER MOSFET
9N65 UTC-9N65 Datasheet
177Kb / 5P
   9A, 650V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com