Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF460G-T3P-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UF460G-T3P-T
Description  21A, 500V N-CHANNEL POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF460G-T3P-T Datasheet(HTML) 1 Page - Unisonic Technologies

  UF460G-T3P-T Datasheet HTML 1Page - Unisonic Technologies UF460G-T3P-T Datasheet HTML 2Page - Unisonic Technologies UF460G-T3P-T Datasheet HTML 3Page - Unisonic Technologies UF460G-T3P-T Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UF460
Power MOSFET
www.unisonic.com.tw
1 of 7
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-186.C
21A, 500V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UF460 uses advanced UTC technology to provide
excellent RDS(ON), low gate charge and operation with low gate
voltages. This device is suitable for use as a load switch, in PWM
applications, motor controls, inverters, choppers, audio amplifiers
and high energy pulse circuits.
FEATURES
* RDS(ON) = 310mΩ@VGS = 10V, ID =21A
* Ultra low gate charge (max. 190nC )
* Low reverse transfer capacitance ( CRSS = typical 250pF )
* Fast switching capability
* Avalanche energy specified
* Improved dv/dt capability
SYMBOL
1.Gate
3.Source
2.Drain
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
UF460L-T3P-T
UF460G-T3P-T
TO-3P
G
D
S
Tube
UF460L-T47-T
UF460G-T47-T
TO-247
G
D
S
Tube


Similar Part No. - UF460G-T3P-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF460G-T3P-T UTC-UF460G-T3P-T Datasheet
220Kb / 4P
   N-CHANNEL POWER MOSFET
More results

Similar Description - UF460G-T3P-T

ManufacturerPart #DatasheetDescription
logo
Rohm
R5021ANJ ROHM-R5021ANJ Datasheet
1Mb / 14P
   Nch 500V 21A Power MOSFET
2012.10 - Rev.B
logo
Taiwan Semiconductor Co...
TSM4ND50 TSC-TSM4ND50 Datasheet
704Kb / 8P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50 Datasheet
218Kb / 7P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50_10 Datasheet
309Kb / 8P
   500V N-Channel Power MOSFET
TSM4NB50 TSC-TSM4NB50 Datasheet
187Kb / 7P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50_12 Datasheet
529Kb / 10P
   500V N-Channel Power MOSFET
TSM5ND50 TSC-TSM5ND50_11 Datasheet
310Kb / 9P
   500V N-Channel Power MOSFET
TSM20N50 TSC-TSM20N50_13 Datasheet
460Kb / 10P
   500V N-Channel Power MOSFET
TSM1N50CT TSC-TSM1N50CT Datasheet
124Kb / 7P
   500V N-CHANNEL POWER MOSFET
TSM5NB50 TSC-TSM5NB50_14 Datasheet
1Mb / 10P
   500V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com