Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC34463 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UC34463
Description  200KHZ, 2A PWM BUCK SWITCHING REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC34463 Datasheet(HTML) 3 Page - Unisonic Technologies

  UC34463 Datasheet HTML 1Page - Unisonic Technologies UC34463 Datasheet HTML 2Page - Unisonic Technologies UC34463 Datasheet HTML 3Page - Unisonic Technologies UC34463 Datasheet HTML 4Page - Unisonic Technologies UC34463 Datasheet HTML 5Page - Unisonic Technologies UC34463 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UC34463
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R103-055.A
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
+45
V
Power Dissipation
PD
Internally limited
W
Storage Temperature
TSTG
-65 ~ +150
°C
Operating Temperature
TOPR
-40 ~ +125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (V
IN=12V, ILOAD = 0.2A, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Oscillator Frequency
FOSC
170
200
220
Khz
Oscillator Frequency of Short Circuit
Protect
FSCP
When current limit occurred and
VOUT low
30
Khz
Saturation Voltage
VSAT
IOUT=1.5A no outside circuit
VOUT=0V force driver on
1.25
1.4
V
1.25
1.5
Max. Duty Cycle(ON)
DC
VOUT=0V force driver on
100
%
Min. Duty cycle(OFF)
VOUT=12V force driver off
0
Current Limit
ICL
peak current no outside circuit
VOUT=0 force driver on
2.4
2.9
3.3
A
2.4
2.9
3.6
Output Leakage
Current
Output = 0V
IL
no outside circuit
VOUT=12 force driver off
-200
uA
Output = -1V
VIN=24V
-5
mA
Quiescent Current
IQ
VOUT=12 force driver off
5
10
mA
Standby Quiescent Current
ISTBY
ON/OFF pin=5V, VIN=24V
70
150
uA
70
200
ON/OFF Pin Logic Input Threshold
Voltage
VIL
Low (regulator ON)
1.3
0.6
V
VIH
High (regulator OFF)
2.0
1.3
ON/OFF Pin Logic Input Current
IH
VLOGIC=2.5V (OFF)
0.01
uA
ON/OFF Pin Input Current
IL
VLOGIC=0.5V (ON)
-0.1
-1
Over Temperature Shutdown
Threshold
Ts
TJ increasing
175
°C
TJ decreasing
150


Similar Part No. - UC34463

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC34463G-S08-R UTC-UC34463G-S08-R Datasheet
237Kb / 6P
   200KHZ, 2A PWM BUCK SWITCHING REGULATOR
UC34463G-SH2-R UTC-UC34463G-SH2-R Datasheet
237Kb / 6P
   200KHZ, 2A PWM BUCK SWITCHING REGULATOR
UC34463 UTC-UC34463_15 Datasheet
237Kb / 6P
   200KHZ, 2A PWM BUCK SWITCHING REGULATOR
More results

Similar Description - UC34463

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC34463 UTC-UC34463_15 Datasheet
237Kb / 6P
   200KHZ, 2A PWM BUCK SWITCHING REGULATOR
logo
SamHop Microelectronics...
SM8312 SAMHOP-SM8312 Datasheet
245Kb / 11P
   150KHz, 2A PWM Buck Switching Regulator
logo
Renesas Technology Corp
ISL8500 RENESAS-ISL8500 Datasheet
1,001Kb / 15P
   2A Standard Buck PWM Regulator
logo
Intersil Corporation
ISL8500 INTERSIL-ISL8500 Datasheet
675Kb / 15P
   2A Standard Buck PWM Regulator
logo
Micrel Semiconductor
MIC23201 MICREL-MIC23201 Datasheet
859Kb / 20P
   2MHz PWM 2A Buck Regulator
logo
Anachip Corp
AP1502 ANACHIP-AP1502 Datasheet
119Kb / 5P
   200KHZ, 2A PWM BUCK DC/DC CONVERTER & 1 LINEAR CTRL
logo
Shenzhen Huazhimei Semi...
HM3124 HMSEMI-HM3124 Datasheet
847Kb / 6P
   2A, 80V, 200KHz Switch Buck Converter
logo
Feeling Technology Corp...
FP6101 FEELING-FP6101 Datasheet
428Kb / 12P
   20V, 2A Buck Switching Regulator
logo
Taiwan Semiconductor Co...
TS2496 TSC-TS2496_09 Datasheet
212Kb / 7P
   2A / 150KHz Buck Switching Regulator
TS2580 TSC-TS2580 Datasheet
109Kb / 5P
   2A / 52KHz Buck Switching Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com